Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • Y-CONC-R626P-RJ2U-2000-A

  • AI
    The **Y-CONC-R626P-RJ2U-2000-A** is a specific industrial-grade Ethernet connector assembly, typically manufactured by **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for harsh industrial environments where standard RJ45 connectors would fail due to vibration, moisture, or EMI. ### 1. Component Overview This part is a **Jack/Socket** assembly designed for PCB mounting. It integrates a standard RJ45 interface with additional industrial features for power and data transmission. | Feature | Specification | | :--- | :--- | | **Series** | Y-Con (Industrial RJ45) | | **Mounting Type** | Through-hole (PCB Mount) | | **Orientation** | Right Angle (90°) | | **Shielding** | Fully Shielded (Metal Housing) | | **Integrated Contacts** | 8 Data Pins + 2 Power Pins (Option dependent) | --- ### 2. Key Electronic Features #### A. Power Integrated (Y-ConPower) Unlike standard consumer RJ45 jacks, the Y-Con series often includes **two additional power contacts**. This allows the connector to transmit power (up to 2.1A) alongside high-speed data without interfering with the signal integrity of the Ethernet lines. #### B. Signal Integrity & Shielding * **EMI Protection:** The outer shell is constructed from a copper alloy with nickel plating, providing a robust Faraday cage to prevent electromagnetic interference. * **Gold Plating:** The internal contacts typically feature 30μ" to 50μ" gold plating over nickel to ensure low contact resistance and prevent oxidation over thousands of mating cycles. #### C. Mechanical Durability * **Industrial Standard:** Designed to withstand high mechanical stress. * **Vibration Resistance:** The locking mechanism is significantly more robust than a standard plastic RJ45 clip, often meeting IP20 or (when paired with the correct housing) IP67/68 standards. --- ### 3. Connection Pinout Logic While the physical structure differs, the internal wiring follows standard Ethernet protocols: ```text Pin 1-8: Standard Ethernet Data (Cat5e / Cat6 compatible) Pin 9-10: Additional Power Pins (V+ / V-) ``` --- ### 4. Typical Applications * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMI panels. * **Robotics:** High-vibration environments where data loss is critical. * **Outdoor Networking:** When used with the Y-Con cover, it provides weatherproof connectivity.
    ✨ Follow-up Questions
    • ⤷ Does this specific model support Cat6a speeds?
    • ⤷ What are the compatible cable side connectors for this jack?
    • ⤷ Can the power pins be used for PoE (Power over Ethernet) applications?