Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • Y-CONC-R806P-RJ2S-2000-A

  • AI
    The **Y-CONC-R806P-RJ2S-2000-A** is a specialized industrial-grade cable assembly, typically used in high-precision motion control, robotics, and industrial automation environments. This part is part of the **Y-CON** series, often associated with high-speed data transmission and rugged connectivity. --- ### 1. Technical Specifications Overview The part number describes a cable assembly featuring RJ45 connectivity with specific shielding and length parameters. | Feature | Specification | | :--- | :--- | | **Connector Type A** | RJ45 (8P8C) | | **Connector Type B** | RJ45 (8P8C) | | **Length** | 2000mm (2.0 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Jacket Material** | PUR (Polyurethane) or High-Flex PVC | | **Speed/Category** | Typically Cat5e or Cat6 (Industrial Grade) | | **Contact Plating** | Gold over Nickel | --- ### 2. Breakdown of the Part Number Components While manufacturers vary slightly, the nomenclature generally breaks down as follows: * **Y-CON**: The series name (Yamaichi Electronics standard for Industrial Ethernet). * **R806P**: Refers to the specific plug type or internal wiring configuration (8-pole). * **RJ2S**: Indicates the RJ45 interface with specific shielding (S = Shielded). * **2000**: The length in millimeters (2 meters). * **A**: Revision code or specific assembly variant. --- ### 3. Key Electronic & Mechanical Features #### A. Industrial Protection Unlike standard consumer Ethernet cables, this part is designed for: * **IP20/IP67 Rating Compatibility:** Often used with protective housings for water and dust resistance. * **EMI/EMC Shielding:** Features high-density braiding to prevent signal interference in factory environments near high-voltage motors. #### B. High-Flex Life The "R" and "P" designations often point to **High-Flex** or **Robotic** grade cabling. This means the internal copper strands are thinner and more numerous, allowing the cable to withstand millions of bending cycles in a cable carrier or robotic arm without internal breakage. #### C. Electrical Performance * **Rated Voltage:** 30V - 50V AC/DC. * **Rated Current:** 1.0A - 2.1A (depending on power-over-ethernet usage). * **Dielectric Strength:** 500V AC for 1 minute. --- ### 4. Common Applications * **Servo Drives:** Connecting controllers to drive units (e.g., Yaskawa, Omron). * **Vision Systems:** High-speed data transfer for industrial cameras. * **PLC Networking:** Connecting Programmable Logic Controllers in harsh electrical environments. ---
    ✨ Follow-up Questions
    • ⤷ Is this cable compatible with IP67 rated housings?
    • ⤷ What is the maximum bending radius for this specific cable?
    • ⤷ Does this model support Power over Ethernet (PoE) applications?