Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ZWS100BAF-15-R

  • AI
    ## Overview of the TDK-Lambda ZWS100BAF-15/R The **ZWS100BAF-15/R** is a high-reliability, industrial-grade AC-DC power supply module manufactured by TDK-Lambda. It belongs to the ZWS-BAF series, which is characterized by its "open-frame" design, high efficiency, and active power factor correction (PFC). ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 15V DC | | **Output Current** | 6.7A | | **Total Power** | 100W | | **Input Voltage Range** | 85 - 265V AC (Universal Input) or 120 - 370V DC | | **Efficiency** | ~86% - 88% (Typical at 200VAC) | | **Cooling** | Convection Cooled (No fan required) | | **Isolation** | Input to Output: 3.0kVAC | --- ### 2. Suffix Meaning ("/R") The **/R** suffix in the part number indicates a specific modification: * **Remote On/Off Control:** This version includes an additional connector that allows the user to turn the output voltage on or off using an external signal without disconnecting the AC input. --- ### 3. Core Electronic Components & Features The internal architecture of the ZWS100BAF-15/R consists of several critical stages: #### A. Input Protection and Filtering * **Fuse:** Built-in protection against catastrophic component failure. * **EMI Filter:** A combination of X/Y capacitors and common-mode chokes to minimize electromagnetic interference. * **Inrush Current Limiter:** Typically a thermistor (NTC) to prevent high current spikes when the unit is first plugged in. #### B. Active Power Factor Correction (PFC) * Uses a boost converter topology to ensure the input current waveform follows the input voltage waveform. This reduces harmonic distortion and complies with IEC61000-3-2 standards. #### C. DC-DC Conversion Stage * **PWM Controller:** Regulates the switching frequency to maintain a steady 15V output regardless of load or input fluctuations. * **Power MOSFETs:** High-speed switches that drive the main transformer. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output. #### D. Output Rectification & Filtering * **Schottky Diodes/Synchronous Rectification:** Converts the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** Smooths the voltage ripple to ensure "clean" DC power. --- ### 4. Protection Circuitry The module includes "intelligent" electronic safeguards: 1. **Overcurrent Protection (OCP):** Automatically limits current if the load exceeds ~105% of rated capacity (Hiccup mode). 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage rises above a safe threshold (typically 115-135% of nominal). 3. **Thermal Protection:** Reduces output or shuts down if the internal temperature exceeds safe operating limits.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and mounting options for the ZWS100BAF series?
    • ⤷ How does the 'Remote On/Off' signal circuit need to be wired?
    • ⤷ Is this power supply suitable for medical or purely industrial applications?