ZWS300BAF-48-R
AI

The **ZWS300BAF-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. It is part of the ZWS-BAF series, designed for compact spaces and high efficiency.
---
## 1. Technical Specifications
The following table summarizes the core electronic parameters of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 265 VAC (Universal) or 120 - 370 VDC |
| **Output Voltage** | 48 VDC |
| **Output Current** | 6.3 A |
| **Max Power Output** | 302.4 W |
| **Efficiency** | ~90% (at 200VAC) |
| **Cooling** | Convection Cooled (No fan required) |
| **Form Factor** | Open Frame / L-Bracket |
---
## 2. Key Electronic Features
The "BAF" and "-R" suffixes indicate specific internal circuitry and features:
### Active Power Factor Correction (PFC)
This unit features built-in active PFC, compliant with **EN61000-3-2**. This reduces harmonic distortion and improves the efficiency of power usage from the AC grid.
### The "-R" Remote On/Off Function
The **-R** suffix is a specific hardware option:
* **Function:** Allows the user to turn the output voltage ON or OFF using an external electrical signal without disconnecting the AC input.
* **Benefit:** Useful for automated systems where the power supply needs to be cycled for energy saving or safety.
### Protection Circuitry
The device includes robust protection mechanisms to prevent damage to the load or the supply itself:
1. **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
2. **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold (approx. 55.2V - 64.8V).
3. **Thermal Protection:** Sensors to detect overheating and shut down the unit until temperatures return to safe levels.
---
## 3. Physical & Connection Interface
* **Topology:** High-frequency switching mode power supply.
* **Connectors:** Typically uses JST or similar crimp-style connectors for the I/O, which is standard for internal industrial mounting.
* **Isolation:** High isolation voltage between Input-Output (3.0kVAC) and Input-Ground (2.0kVAC).
---
## 4. Typical Applications
Due to its 48V output and high reliability, it is commonly used in:
* **Telecommunications:** Powering base stations or networking hardware.
* **Industrial Automation:** Powering PLCs, sensors, and motor controllers.
* **Medical Equipment:** (Non-patient contact) due to its high MTBF (Mean Time Between Failures).
- ⤷
How do I wire the Remote On/Off (-R) pin to a microcontroller?
- ⤷ What is the derating curve for this power supply at high temperatures?
- ⤷ Can this unit be mounted in any orientation?