| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE2CP1045 Datasheet
# Example questions:
➢ What is the maximum input power, in watts, that the pe2cp1045 can handle?
➢ Within what frequency range does the pe2cp1045 operate, and what is its corresponding impedance?
➢ What are the physical dimensions of the pe2cp1045, specifically the length, width, and height?
# PE2CP1045 90 Degree Drop-In Hybrid Coupler
## Features
️· Frequency Range: 800 MHz to 1.6 GHz
️· Power Handling: 200 Watts (CW)
️· Isolation: 20 dB
️· Impedance: 50 Ohms
️· VSWR: 1.25:1
️· Insertion Loss: 0.25 dB
️· Phase Difference: 90 degrees
️· Amplitude Balance: ±0.5 dB
️· Phase Balance: ±5 degrees
️· Package Size: 1.35 inch x 0.5 inch x 0.17 inch (Length x Width x Height)
️· Weight: 0.06 lbs
️· Connectors: Pin
## Mechanical Specifications
️· Length: 1.35 in [34.29 mm]
️· Width: 0.17 in [4.32 mm]
️· Height: 0.5 in [12.7 mm]
️· Material: Silver, Gold plated
️· Configuration: Pin
## Electrical Specifications
️· Frequency Range: 0.8 - 1.6 GHz
️· Impedance: 50 Ohms
️· Phase Difference: 90 Degrees
️· Insertion Loss: 0.25 dB
️· Isolation: 20 dB
️· VSWR: 1.25:1
️· Amplitude Balance: ±0.5 dB
️· Phase Balance: ±5 Degrees
️· Input Power (CW): 200 Watts
## Environmental Specifications
️· Operating Temperature: -55 to +85 deg C
️· Compliance: RoHS Compliant, REACH Compliant
## Applications
️· Test and Measurement
️· Military Communications
️· Commercial Communications
️· Wireless Communications
️· SATCOM
️· Radar Systems
# PE2CP1045 90 Degree Drop-In Hybrid Coupler
## Features
️· Frequency Range: 800 MHz to 1.6 GHz
️· Power Handling: 200 Watts (CW)
️· Isolation: 20 dB
️· Impedance: 50 Ohms
️· VSWR: 1.25:1
️· Insertion Loss: 0.25 dB
️· Phase Difference: 90 degrees
️· Amplitude Balance: ±0.5 dB
️· Phase Balance: ±5 degrees
️· Package Size: 1.35 inch x 0.5 inch x 0.17 inch (Length x Width x Height)
️· Weight: 0.06 lbs
️· Connectors: Pin
## Mechanical Specifications
️· Length: 1.35 in [34.29 mm]
️· Width: 0.17 in [4.32 mm]
️· Height: 0.5 in [12.7 mm]
️· Material: Silver, Gold plated
️· Configuration: Pin
## Electrical Specifications
️· Frequency Range: 0.8 - 1.6 GHz
️· Impedance: 50 Ohms
️· Phase Difference: 90 Degrees
️· Insertion Loss: 0.25 dB
️· Isolation: 20 dB
️· VSWR: 1.25:1
️· Amplitude Balance: ±0.5 dB
️· Phase Balance: ±5 Degrees
️· Input Power (CW): 200 Watts
## Environmental Specifications
️· Operating Temperature: -55 to +85 deg C
️· Compliance: RoHS Compliant, REACH Compliant
## Applications
️· Test and Measurement
️· Military Communications
️· Commercial Communications
️· Wireless Communications
️· SATCOM
️· Radar Systems
| Part No. | PE2CP1045 |
| Manufacturer | PASTERNACK |
| Size | 538 Kbytes |
| Pages | 6 pages |
| Description | 90 Degree Drop-In Hybrid Coupler From 800 MHz to 1.6 GHz Rated to 200 Watts |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |