Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2CP1045 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1045
Description  90 Degree Drop-In Hybrid Coupler From 800 MHz to 1.6 GHz Rated to 200 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1045 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1045 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1045 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1045 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1045 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1045 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE2CP1045 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• High Power
• 20 dB isolation
• 800 MHz to 1600 MHz Frequency Range
• Gold Plated Silver Leads
• 1.35 inch by 0.5 inch package
• Clear Chem Film Per MIL-DTL-5541
Applications
• Test and measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• Military Electronic Systems
.
Description
The PE2CP1045 operates from 800 MHz to 1,600 MHz and can handle 200 watts of power with 20 dB isolation. The package
is 1.35 inch by 0.5 inch with gold plated silver leads and can be attached to a heat sink and PCB by screws. Gold plated leads
are resistant to oxidation for ease of soldering and ensuring superior electrical performance of 1.25:1 VSWR and an insertion
loss of 0.25 dB.
The PE2CP1045 is part of Pasternack’s family of 90 degree hybrid couplers in drop-in packages. These couplers
feature small drop-in packages that can handle power up to 1,000 Watts. They are available in both narrow and broad
bandwidths. These quadrature hybrids are excellent for any situation to either equally split an input signal into two paths
with a 90 degree phase shift between them or to combine two signals while maintaining high isolation between them.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.8
1.6
GHz
Impedance
50
Ohms
Phase Difference
90
Degrees
Insertion Loss
0.25
dB
Isolation
20
dB
VSWR
1.25:1
Amplitude Balance
±0.5
dB
Phase Balance
±5
Degrees
Input Power (CW)
200
Watts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 90 Degree Drop-In Hybrid Coupler From 800 MHz to 1.6 GHz Rated to 200 Watts PE2CP1045
PE2CP1045
PE2CP1045 REV 1.0
90 Degree Drop-In Hybrid Coupler From
800 MHz to 1.6 GHz Rated to 200 Watts
Hybrids Technical Data Sheet


Similar Part No. - PE2CP1045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1040 PASTERNACK-PE2CP1040 Datasheet
531Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 150 Watts
PE2CP1041 PASTERNACK-PE2CP1041 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 200 Watts
PE2CP1042 PASTERNACK-PE2CP1042 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 300 Watts
PE2CP1043 PASTERNACK-PE2CP1043 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 125 Watts
PE2CP1044 PASTERNACK-PE2CP1044 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 200 Watts
More results

Similar Description - PE2CP1045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
PE2CP1036 PASTERNACK-PE2CP1036 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 225 MHz to 450 MHz Rated To 800 Watts
PE2CP1037 PASTERNACK-PE2CP1037 Datasheet
552Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1039 PASTERNACK-PE2CP1039 Datasheet
557Kb / 6P
90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated To 800 Watts
PE2CP1041 PASTERNACK-PE2CP1041 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 2.5 GHz Rated to 200 Watts
PE2CP1044 PASTERNACK-PE2CP1044 Datasheet
535Kb / 6P
90 Degree Drop-In Hybrid Coupler From 500 MHz to 3 GHz Rated to 200 Watts
PE2CP1046 PASTERNACK-PE2CP1046 Datasheet
557Kb / 6P
90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.5 GHz Rated to 200 Watts
PE2CP1047 PASTERNACK-PE2CP1047 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 800 MHz to 2.7 GHz Rated to 400 Watts
PE2CP1049 PASTERNACK-PE2CP1049 Datasheet
534Kb / 6P
90 Degree Drop-In Hybrid Coupler From 1 GHz to 2 GHz Rated to 200 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com