| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TPT_17 Datasheet
# Example questions:
➢ What is the peak wave solder temperature recommended for rohs compatible soldering systems with this series?
➢ What is the pin pitch for the sip package?
➢ What is the total power delivery capability of the tpt series, and how can it be utilized across the three channels?
# TPT Series DC/DC Converters
## Overview
The TPT series are miniature, isolated 3W DC/DC converters in a SIP package, ideal for space-critical applications. They offer three output voltages: -24V, -48V, and -72V, from input voltages of 4V, 5V, or 12V.
## Key Features
️· Isolation: 1.5KVDC input/output isolation
️· Outputs: Triple outputs (-24V, -48V, -72V)
️· Efficiency: 75-85%
️· Package: SIP package
️· Compliance: RoHS compliant, CE certification
️· Operating Temperature: -40°C to +105°C
️· Switching Frequency: 80 kHz
️· Power Sharing: Flexible power delivery from single or combined channels.
## Input Characteristics
| Input Voltage (Nominal) | Voltage Range |
|---|---|
| 4V | 3.6V - 5.0V |
| 5V | 4.5V - 5.5V |
| 12V | 11V - 13.3V |
# TPT Series DC/DC Converters
## Overview
The TPT series are miniature, isolated 3W DC/DC converters in a SIP package, ideal for space-critical applications. They offer three output voltages: -24V, -48V, and -72V, from input voltages of 4V, 5V, or 12V.
## Key Features
️· Isolation: 1.5KVDC input/output isolation
️· Outputs: Triple outputs (-24V, -48V, -72V)
️· Efficiency: 75-85%
️· Package: SIP package
️· Compliance: RoHS compliant, CE certification
️· Operating Temperature: -40°C to +105°C
️· Switching Frequency: 80 kHz
️· Power Sharing: Flexible power delivery from single or combined channels.
## Input Characteristics
| Input Voltage (Nominal) | Voltage Range |
|---|---|
| 4V | 3.6V - 5.0V |
| 5V | 4.5V - 5.5V |
| 12V | 11V - 13.3V |
| Part No. | TPT_17 |
| Manufacturer | TOPPOWER |
| Size | 409 Kbytes |
| Pages | 3 pages |
| Description | 3W 1.5KVDC Isolated Triple Output DC/DC Converters |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |