Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPT Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPT
Description  3W 1.5KVDC Isolated Triple Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPT Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPT_17 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPT_17 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPT_17 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input Voltage Vin, TPT0472S
5.5V
Input Voltage Vin, TPT0572S
7V
Input voltage Vin, TPT1272S
15V
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1500
VDC
Isolation Capacitance
TPT0472S, 1MHz, 1V
70
pF
Isolation Capacitance
TPT0572S, 1MHz, 1V
70
pF
Isolation Capacitance
TPT1272S, 1MHz, 1V
125
pF
Insulation Resistance
1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Efficiency
All channels or any single channel
75
85
%
Switching frequency
80
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
Derating if the temperature ≥85°C
-40
105
℃
Storage
-50
125
℃
OUTPUT VOLTAGE CONFIGURATION
Channel Name
Standard Ref
Option 1
Option 2
Option 3
+VouT
OV
+24V
+48V
+72V
-Vout1
-24V
OV
+24V
+48V
-Vout2
-48V
-24V
OV
+24V
-Vout3
-72V
-48V
-24V
OV
POWER SHARING
The 3W total power delivery can be taken from either single channel or any combination of all three channels. This allows an enormous amount of flexibility,
especially when combined with the selectable output OV reference. For example, using the option 2 output configuration; -24V at 0.5W, +24V at 1W and +48V at
1.5W power supplies are available from a single TPT device.
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com