Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI30N65M5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STI30N65M5 Datasheet

  • # Example questions: ➢ How does the thermal resistance, junction-to-case, affect the device's operating temperature?
    ➢ What is the minimum drain-source breakdown voltage with a gate-source voltage of 0v and a drain current of 1ma?
    ➢ What is the maximum allowable drain current when the device is operating continuously?

  • Part No.STI30N65M5
    ManufacturerISC
    Size358 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor STI30N65M5

    ## Features

    · Drain Current (I<sub>D</sub>): 22A @ T<sub>C</sub> = 25°C
    · Drain-Source Voltage (V<sub>DSS</sub>): 650V (Min)
    · Static Drain-Source On-Resistance (R<sub>DS(on)</sub>): 139 mΩ (Max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 650 V
    VGS Gate-Source Voltage-Continuous ±25 V
    ID Drain Current-Continuous 22 A
    IDM Drain Current-Single Pluse 88 A
    PD Total Dissipation @TC=25℃ 140 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.83 ℃/W

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0; ID=1mA 650 V
    VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.25mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID=11A 139
    IGSS Gate-Body Leakage Current VGS= ±25V;VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=650V; VGS=0<br>VDS=650V; VGS=0; Tj= 125℃ 1<br>100 μA
    VSD Forward On-Voltage IS=22A; VGS=0 1.5 V

    ## Applications

    · Switching application

    ## Notice

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications. Contact ISC for such applications.
    · ISC disclaims liability for product suitability or arising from its use.
    · ISC website: www.iscsemi.com

    # isc N-Channel MOSFET Transistor STI30N65M5

    ## Features

    · Drain Current (I<sub>D</sub>): 22A @ T<sub>C</sub> = 25°C
    · Drain-Source Voltage (V<sub>DSS</sub>): 650V (Min)
    · Static Drain-Source On-Resistance (R<sub>DS(on)</sub>): 139 mΩ (Max)
    · 100% Avalanche Tested
    · Minimum Lot-to-Lot Variations

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 650 V
    VGS Gate-Source Voltage-Continuous ±25 V
    ID Drain Current-Continuous 22 A
    IDM Drain Current-Single Pluse 88 A
    PD Total Dissipation @TC=25℃ 140 W
    TJ Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Thermal Characteristics

    SYMBOL PARAMETER MAX UNIT
    Rth j-c Thermal Resistance, Junction to Case 0.83 ℃/W

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS=0; ID=1mA 650 V
    VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.25mA 3 5 V
    RDS(on) Drain-Source On-Resistance VGS=10V; ID=11A 139
    IGSS Gate-Body Leakage Current VGS= ±25V;VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=650V; VGS=0<br>VDS=650V; VGS=0; Tj= 125℃ 1<br>100 μA
    VSD Forward On-Voltage IS=22A; VGS=0 1.5 V

    ## Applications

    · Switching application

    ## Notice

    · Intended for general electronic equipment.
    · Not designed for specialized quality/reliability or hazardous/aerospace/medical applications. Contact ISC for such applications.
    · ISC disclaims liability for product suitability or arising from its use.
    · ISC website: www.iscsemi.com

    Part No.STI30N65M5
    ManufacturerISC
    Size358 Kbytes
    Pages2 pages
    Descriptionisc N-Channel MOSFET Transistor