Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5353 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC5353_06 Datasheet

  • # Example questions: ➢ What types of applications are specifically excluded as appropriate uses for these toshiba products?
    ➢ What is the maximum collector current (ic) for continuous operation at an ambient temperature (ta) of 25°c, as indicated by the safe operating area graph?
    ➢ What document(s) does toshiba recommend consulting for precautions and conditions regarding the handling of semiconductor devices?

  • Part No.2SC5353_06
    ManufacturerTOSHIBA
    Size146 Kbytes
    Pages5 pages
    DescriptionSilicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
    Datasheet Summary with AI

    # 2SC5353

    ## Description

    Silicon NPN Triple Diffused Type (PCT process) for switching regulator and high voltage switching applications, as well as high-speed DC-DC converters.

    ## Absolute Maximum Ratings (Tc = 25°C)

    ️· Collector-Base Voltage (VCBO): 900 V
    ️· Collector-Emitter Voltage (VCEO): 800 V
    ️· Emitter-Base Voltage (VEBO): 7 V
    ️· Collector Current (IC): 3 A
    ️· Pulse Collector Current (ICP): 5 A
    ️· Base Current (IB): 1 A
    ️· Collector Power Dissipation (PC): 2.0 W (Ta = 25°C), 25 W (Tc = 25°C)
    ️· Junction Temperature (Tj): 150 °C
    ️· Storage Temperature (Tstg): -55 to 150 °C

    ## Electrical Characteristics (Tc = 25°C)

    ️· Collector Cut-off Current (ICBO): 100 μA (max)
    ️· Emitter Cut-off Current (IEBO): 10 μA (max)
    ️· Collector-Base Breakdown Voltage (V(BR)CBO): 900 V (min)
    ️· Collector-Emitter Breakdown Voltage (V(BR)CEO): 800 V (min)
    ️· DC Current Gain (hFE(1)): 10 (min) (VCE = 5 V, IC = 1 mA)
    ️· DC Current Gain (hFE(2)): 15 (min) (VCE = 5 V, IC = 0.15 A)
    ️· Collector-Emitter Saturation Voltage (VCE(sat)): 1.0 V (max) (IC = 1.2 A, IB = 0.24 A)
    ️· Base-Emitter Saturation Voltage (VBE(sat)): 1.3 V (max) (IC = 1.2 A, IB = 0.24 A)
    ️· Rise Time (tr): 0.7 μs (max)
    ️· Storage Time (tstg): 4.0 μs (max)
    ️· Fall Time (tf): 0.5 μs (max)

    ## Switching Characteristics

    ️· Test Conditions: VCE = 5 V, Tc = 25°C.

    ## Marking

    ️· Part number and lot number indicated on package.

    ## Safety Precautions

    ️· Follow appropriate safety standards when designing systems with this product.
    ️· Do not use in applications where failure could cause loss of life or bodily injury.
    ️· Comply with RoHS regulations.
    ️· Review the Toshiba Semiconductor Reliability Handbook for detailed guidance.

    # 2SC5353

    ## Description

    Silicon NPN Triple Diffused Type (PCT process) for switching regulator and high voltage switching applications, as well as high-speed DC-DC converters.

    ## Absolute Maximum Ratings (Tc = 25°C)

    ️· Collector-Base Voltage (VCBO): 900 V
    ️· Collector-Emitter Voltage (VCEO): 800 V
    ️· Emitter-Base Voltage (VEBO): 7 V
    ️· Collector Current (IC): 3 A
    ️· Pulse Collector Current (ICP): 5 A
    ️· Base Current (IB): 1 A
    ️· Collector Power Dissipation (PC): 2.0 W (Ta = 25°C), 25 W (Tc = 25°C)
    ️· Junction Temperature (Tj): 150 °C
    ️· Storage Temperature (Tstg): -55 to 150 °C

    ## Electrical Characteristics (Tc = 25°C)

    ️· Collector Cut-off Current (ICBO): 100 μA (max)
    ️· Emitter Cut-off Current (IEBO): 10 μA (max)
    ️· Collector-Base Breakdown Voltage (V(BR)CBO): 900 V (min)
    ️· Collector-Emitter Breakdown Voltage (V(BR)CEO): 800 V (min)
    ️· DC Current Gain (hFE(1)): 10 (min) (VCE = 5 V, IC = 1 mA)
    ️· DC Current Gain (hFE(2)): 15 (min) (VCE = 5 V, IC = 0.15 A)
    ️· Collector-Emitter Saturation Voltage (VCE(sat)): 1.0 V (max) (IC = 1.2 A, IB = 0.24 A)
    ️· Base-Emitter Saturation Voltage (VBE(sat)): 1.3 V (max) (IC = 1.2 A, IB = 0.24 A)
    ️· Rise Time (tr): 0.7 μs (max)
    ️· Storage Time (tstg): 4.0 μs (max)
    ️· Fall Time (tf): 0.5 μs (max)

    ## Switching Characteristics

    ️· Test Conditions: VCE = 5 V, Tc = 25°C.

    ## Marking

    ️· Part number and lot number indicated on package.

    ## Safety Precautions

    ️· Follow appropriate safety standards when designing systems with this product.
    ️· Do not use in applications where failure could cause loss of life or bodily injury.
    ️· Comply with RoHS regulations.
    ️· Review the Toshiba Semiconductor Reliability Handbook for detailed guidance.

    Part No.2SC5353_06
    ManufacturerTOSHIBA
    Size146 Kbytes
    Pages5 pages
    DescriptionSilicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications