| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M24M01-HRCS3G/A Datasheet
# Example questions:
➢ What happens if the write control (wc) input is driven high during an operation?
➢ Explain the role of the chip enable (e1, e2) pins in the device select process and what happens if they are left unconnected.
➢ What is the purpose of the power-on-reset (por) circuit and under what conditions does it activate?
## Summary of the Provided Text (STMicroelectronics M24M01-R/W/HR Memory Datasheet Excerpt)
This excerpt from the datasheet details the STMicroelectronics M24M01-R/W/HR series of I²C EEPROM memory devices. It focuses on signal descriptions, operating principles, and some timing/bus considerations.
Key Takeaways:
️· I²C Interface: The memory communicates via the standard I²C (Inter-Integrated Circuit) bus protocol.
️· Signal Descriptions: Details the function of each pin:
- SCL: Serial Clock
- SDA: Serial Data (bidirectional)
- E1, E2: Chip Enable (used for device addressing)
- WC: Write Control (used to disable write operations for protection)
- VCC: Supply Voltage
- VSS: Ground
️· Addressing: The device uses a 7-bit device select code (based on E1, E2 pins and a fixed identifier) followed by a 16-bit address (divided into most and least significant bytes) to identify a specific memory location.
️· Write Protection: The WC pin allows for disabling all write operations to protect data.
️· Power-Up/Down: Specific conditions and considerations for powering the device on and off (including a built-in power-on-reset (POR) circuit).
️· Bus Considerations: Includes graphs (Figures 5 & 6) showing the relationship between bus capacitance, resistance, and operating frequency.
️· I2C Protocol: a graphic depicting the basic I2C signaling.
️· Package Options: Available in SO8 packages, and the M24M01-R is also available in wafer form.
In essence, this excerpt provides foundational information for integrating the M24M01-R/W/HR EEPROM into a system using the I²C protocol. It's aimed at hardware and software engineers designing systems that require non-volatile data storage.
## Summary of the Provided Text (STMicroelectronics M24M01-R/W/HR Memory Datasheet Excerpt)
This excerpt from the datasheet details the STMicroelectronics M24M01-R/W/HR series of I²C EEPROM memory devices. It focuses on signal descriptions, operating principles, and some timing/bus considerations.
Key Takeaways:
️· I²C Interface: The memory communicates via the standard I²C (Inter-Integrated Circuit) bus protocol.
️· Signal Descriptions: Details the function of each pin:
- SCL: Serial Clock
- SDA: Serial Data (bidirectional)
- E1, E2: Chip Enable (used for device addressing)
- WC: Write Control (used to disable write operations for protection)
- VCC: Supply Voltage
- VSS: Ground
️· Addressing: The device uses a 7-bit device select code (based on E1, E2 pins and a fixed identifier) followed by a 16-bit address (divided into most and least significant bytes) to identify a specific memory location.
️· Write Protection: The WC pin allows for disabling all write operations to protect data.
️· Power-Up/Down: Specific conditions and considerations for powering the device on and off (including a built-in power-on-reset (POR) circuit).
️· Bus Considerations: Includes graphs (Figures 5 & 6) showing the relationship between bus capacitance, resistance, and operating frequency.
️· I2C Protocol: a graphic depicting the basic I2C signaling.
️· Package Options: Available in SO8 packages, and the M24M01-R is also available in wafer form.
In essence, this excerpt provides foundational information for integrating the M24M01-R/W/HR EEPROM into a system using the I²C protocol. It's aimed at hardware and software engineers designing systems that require non-volatile data storage.
| Part No. | M24M01-HRCS3G/A |
| Manufacturer | STMICROELECTRONICS |
| Size | 429 Kbytes |
| Pages | 37 pages |
| Description | 1 Mbit serial I²C bus EEPROM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |