Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9384 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE9384 Datasheet

  • # Example questions: ➢ What is the impedance of both the sma male and tnc female connectors?
    ➢ What material and plating are used for the coupling nut of this adapter?
    ➢ What are the dimensions of this adapter in millimeters for length, width, and height?

  • Part No.PE9384
    ManufacturerPASTERNACK
    Size267 Kbytes
    Pages3 pages
    DescriptionSMA Male to TNC Female 4 Hole Flange Adapter
    Datasheet Summary with AI

    # SMA Male to TNC Female 4 Hole Flange Adapter (PE9384)

    ## Specifications
    ️· Connectors: SMA Male to TNC Female
    ️· Impedance: 50 Ohms (Both Connectors)
    ️· Connector Standard: MIL-STD-348
    ️· Body Style: Straight
    ️· Mount Method: 4 Hole Flange

    ## Mechanical Dimensions
    ️· Length: 1.017 in [25.83 mm]
    ️· Width/Diameter: 0.687 in [17.45 mm]
    ️· Height: 0.687 in [17.45 mm]

    ## Connector 1 (SMA Male)
    ️· Inner Conductor Material: Beryllium Copper
    ️· Inner Conductor Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Coupling Nut Material: Passivated Stainless Steel
    ️· Coupling Nut Plating: QQ-P-35
    ️· Hex Size: 5/16 in

    ️· Torque: 8 in-lbs [0.9 Nm]
    ️· Body Material: Passivated Stainless Steel
    ️· Body Plating: QQ-P-35
    ️· Dielectric: Teflon

    ## Connector 2 (TNC Female)
    ️· Inner Conductor Material: Beryllium Copper
    ️· Inner Conductor Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Body Material: Passivated Stainless Steel
    ️· Body Plating: QQ-P-35
    ️· Dielectric: Teflon

    ## Additional Information
    ️· Part Number: PE9384
    ️· Availability: 99%
    ️· Website: [http://www.pasternack.com/sma-male-tnc-female-straight-adapter-pe9384-p.aspx](http://www.pasternack.com/sma-male-tnc-female-straight-adapter-pe9384-p.aspx)
    ️· Revision: REV3
    ️· Values Specified At: 25°C, sea level

    # SMA Male to TNC Female 4 Hole Flange Adapter (PE9384)

    ## Specifications
    ️· Connectors: SMA Male to TNC Female
    ️· Impedance: 50 Ohms (Both Connectors)
    ️· Connector Standard: MIL-STD-348
    ️· Body Style: Straight
    ️· Mount Method: 4 Hole Flange

    ## Mechanical Dimensions
    ️· Length: 1.017 in [25.83 mm]
    ️· Width/Diameter: 0.687 in [17.45 mm]
    ️· Height: 0.687 in [17.45 mm]

    ## Connector 1 (SMA Male)
    ️· Inner Conductor Material: Beryllium Copper
    ️· Inner Conductor Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Coupling Nut Material: Passivated Stainless Steel
    ️· Coupling Nut Plating: QQ-P-35
    ️· Hex Size: 5/16 in
    ️· Torque: 8 in-lbs [0.9 Nm]
    ️· Body Material: Passivated Stainless Steel
    ️· Body Plating: QQ-P-35
    ️· Dielectric: Teflon

    ## Connector 2 (TNC Female)
    ️· Inner Conductor Material: Beryllium Copper
    ️· Inner Conductor Plating: Gold (MIL-G-45204, Type II, Class 2)
    ️· Body Material: Passivated Stainless Steel
    ️· Body Plating: QQ-P-35
    ️· Dielectric: Teflon

    ## Additional Information
    ️· Part Number: PE9384
    ️· Availability: 99%
    ️· Website: [http://www.pasternack.com/sma-male-tnc-female-straight-adapter-pe9384-p.aspx](http://www.pasternack.com/sma-male-tnc-female-straight-adapter-pe9384-p.aspx)
    ️· Revision: REV3
    ️· Values Specified At: 25°C, sea level

    Part No.PE9384
    ManufacturerPASTERNACK
    Size267 Kbytes
    Pages3 pages
    DescriptionSMA Male to TNC Female 4 Hole Flange Adapter