Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9384 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9384 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9384
Download  PE9384 Download
File Size   267.31 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Male to TNC Female 4 Hole Flange Adapter

PE9384 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9384 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9384
Download  PE9384 Click to download

File Size   267.31 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Male to TNC Female 4 Hole Flange Adapter

PE9384 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9384 Product details

Description
Pasternack’s PE9384 SMA male to TNC female 4 hole flange adapter is part of our full line of RF components available for same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our SMA to TNC adapter has a male to female gender configuration. PE9384 SMA male to TNC female adapter operates to 11 GHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum. This RF SMA to TNC 4 hole flange adapter allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• SMA Male Connector 1
• TNC Female Connector 2
• 50 Ohms
• Straight Body Geometry
• 4 Hole Flange Mount Method

Features
• Max VSWR of 1.3:1 up to 11 GHz
• SMA Interface compliant with MIL-STD-348
• TNC Interface compliant with MIL-STD-348
• Gold over Nickel Plated Beryllium Copper Contact
• Contact Plating per MIL-G-45204

Applications
• Allows Connection Between Series
• General Purpose Test
• Rack Mounted Equipment
.




Similar Part No. - PE9384

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
N Female to UHF Female Adapter
More results


Similar Description - PE9384

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
Adapter, SMA Female To TNC Male
logo
Pasternack Enterprises,...
PE9078 PASTERNACK-PE9078 Datasheet
252Kb / 3P
SMA Male to TNC Female Adapter
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9288 PASTERNACK-PE9288 Datasheet
255Kb / 3P
TNC Female to TNC Female 4 Hole Flange Adapter
PE9312 PASTERNACK-PE9312 Datasheet
257Kb / 3P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
PE9276 PASTERNACK-PE9276 Datasheet
349Kb / 3P
SMA Female to TNC Female 4 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com