Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9385 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9385 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9385
Download  PE9385 Download
File Size   240.58 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female to UHF Female Adapter

PE9385 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9385 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9385
Download  PE9385 Click to download

File Size   240.58 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description N Female to UHF Female Adapter

PE9385 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9385 Product details

Description
Pasternack’s PE9385 type N female to UHF female adapter is part of our full line of RF components available for same-day shipping. Our type N to UHF adapter has a female to female gender configuration. PE9385 type N female to UHF female adapter operates to 1,000 MHz.

Configuration
• N Female Connector 1
• UHF Female Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Typical VSWR of 1.3:1 up to 1,000 MHz
• Gold Plated Brass Contact

Applications
• Allows Connection Between Series
• General Purpose Test
.




Similar Part No. - PE9385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
More results


Similar Description - PE9385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9064 PASTERNACK-PE9064 Datasheet
251Kb / 3P
N Male to Mini UHF Female Adapter
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE9183 PASTERNACK-PE9183 Datasheet
244Kb / 3P
N Female to Mini UHF Male Adapter
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
logo
Pulse A Technitrol Comp...
NMOTEST1 PULSE-NMOTEST1 Datasheet
687Kb / 4P
NMO to UHF Female adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com