Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9380 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9380 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9380
Download  PE9380 Download
File Size   251.32 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female to SMA Female Adapter With Knurl

PE9380 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9380 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9380
Download  PE9380 Click to download

File Size   251.32 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description SMA Female to SMA Female Adapter With Knurl

PE9380 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9380 Product details

Description
Pasternack’s PE9380 SMA female to SMA female adapter is part of our full line of RF components available for same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our SMA to SMA adapter has a female to female gender configuration. PE9380 SMA female to SMA female adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR of 1.23:1 maximum

Configuration
• SMA Female Connector 1
• SMA Female Connector 2
• 50 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.23:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348A
• Gold Plated Beryllium Copper Contact
• 50 µ-in min Gold Contact Plating
• Epoxy captivation

Applications
• General Purpose Test




Similar Part No. - PE9380

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
N Female to UHF Female Adapter
More results


Similar Description - PE9380

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9083 PASTERNACK-PE9083 Datasheet
252Kb / 3P
SMA Female to N Female Adapter With Knurl
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5191 ETC2-5191 Datasheet
121Kb / 1P
SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-F-G LINX-ADP-SMAF-SMAF-F-G Datasheet
137Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, FLANGE MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com