Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9382 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9382 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9382
Download  PE9382 Download
File Size   269.44 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead Isolated Ground N Female to N Female Adapter

PE9382 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9382 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9382
Download  PE9382 Click to download

File Size   269.44 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead Isolated Ground N Female to N Female Adapter

PE9382 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9382 Product details

Description
Pasternack’s PE9382 bulkhead isolated ground type N female to type N female adapter is part of our full line of RF components available for same-day shipping. PE9382 type N female to type N female adapter operates to 11 GHz. The Pasternack RF adapter provides good VSWR of 1.5:1 maximum.

Configuration
• N Female Connector 1
• N Female Connector 2
• 50 Ohms
• Straight Body Geometry
• Bulkhead Mount Method

Features
• Max VSWR of 1.5:1 up to 11 GHz
• Isolated Ground
• N Interface compliant with MIL-STD-348A
• Gold Plated Brass Contact
• 30 µ-in min Gold Contact Plating

Applications
• General Purpose Test
• Rack Mounted Equipment




Similar Part No. - PE9382

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
N Female to UHF Female Adapter
More results


Similar Description - PE9382

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3846 POMONA-3846 Datasheet
27Kb / 1P
Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com