Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9366 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9366 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9366
Download  PE9366 Download
File Size   250.28 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter

PE9366 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9366 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9366
Download  PE9366 Click to download

File Size   250.28 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter

PE9366 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9366 Product details

Description
Pasternack’s PE9366 bulkhead isolated ground 75 ohm BNC female to BNC female adapter is part of our full line of RF components available for same-day shipping. Our BNC to BNC adapter has a female to female gender configuration. PE9366 BNC female to BNC female adapter operates to 1,000 MHz. This RF BNC bulkhead to BNC adapter allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• BNC Female Connector 1
• BNC Female Connector 2
• 75 Ohms
• Straight Body Geometry
• Bulkhead Mount Method

Features
• Max VSWR of 1.5:1 up to 500 MHz
• Isolated Ground
• Gold Plated Brass Contact
• 30 µ-in min Gold Contact Plating

Applications
• General Purpose Test
• Rack Mounted Equipment




Similar Part No. - PE9366

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
More results


Similar Description - PE9366

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3778 POMONA-3778 Datasheet
30Kb / 1P
BNC (Female) Isolated Ground Bulkhead Receptacle
3846 POMONA-3846 Datasheet
27Kb / 1P
Adapter, Isolated Ground BNC Female To Female
logo
Pasternack Enterprises,...
PE9172 PASTERNACK-PE9172 Datasheet
244Kb / 3P
Isolated Ground BNC Female to BNC Female Bulkhead Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9417 PASTERNACK-PE9417 Datasheet
252Kb / 2P
Isolated Ground 75 Ohm N Female to N Female Bulkhead Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
PE91105 PASTERNACK-PE91105 Datasheet
434Kb / 4P
Bulkhead Mount Isolated Ground BNC Triax Female to BNC Triax Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com