Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9364 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9364 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9364
Download  PE9364 Download
File Size   243.69 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC Male to BNC Male Adapter

PE9364 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9364 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9364
Download  PE9364 Click to download

File Size   243.69 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC Male to BNC Male Adapter

PE9364 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9364 Product details

Description
Pasternack’s PE9364 75 ohm BNC male to BNC male adapter is part of our full line of RF components available for sameday shipping. Our BNC to BNC adapter has a male to male gender configuration. PE9364 BNC male to BNC male adapter operates to 300 MHz. The Pasternack RF adapter provides good VSWR of 1.5:1 maximum.

Configuration
• BNC Male Connector 1
• BNC Male Connector 2
• 75 Ohms
• Straight Body Geometry

Features
• Max VSWR of 1.5:1 up to 300 MHz
• Gold Plated Brass Contact

Applications
• General Purpose Test




Similar Part No. - PE9364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
More results


Similar Description - PE9364

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
75 Ohm N Male to BNC Female Adapter
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com