Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9368 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9368 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9368
Download  PE9368 Download
File Size   244.87 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Female to BNC Male Adapter

PE9368 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9368 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9368
Download  PE9368 Click to download

File Size   244.87 Kbytes
Page   2 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm N Female to BNC Male Adapter

PE9368 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9368 Product details

Description
Pasternack’s PE9368 75 ohm type N female to BNC male adapter is part of our full line of RF components available for sameday shipping. Our type N to BNC adapter has a female to male gender configuration. PE9368 type N female to BNC male adapter operates to 1,000 MHz.

Configuration
• N Female Connector 1
• BNC Male Connector 2
• 75 Ohms
• Straight Body Geometry

Features
• Typical VSWR of 1.3:1 up to 1,000 MHz
• Gold Plated Beryllium Copper Contact

Applications
• Allows Connection Between Series
• General Purpose Test




Similar Part No. - PE9368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
More results


Similar Description - PE9368

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
75 Ohm N Male to BNC Female Adapter
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com