Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9362 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9362 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9362
Download  PE9362 Download
File Size   247.83 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC Female to BNC Female Adapter

PE9362 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9362 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9362
Download  PE9362 Click to download

File Size   247.83 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 75 Ohm BNC Female to BNC Female Adapter

PE9362 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9362 Product details

Description
Pasternack’s PE9362 75 ohm BNC female to BNC female adapter is part of our full line of RF components available for sameday shipping. Our BNC to BNC adapter has a female to female gender configuration. PE9362 BNC female to BNC female adapter operates to 1 GHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum.

Configuration
• BNC Female Connector 1
• BNC Female Connector 2
• 75 Ohm
• Straight Body Geometry

Features
• Max VSWR of 1.3:1 up to 1 GHz
• BNC interface compliant with MIL-STD-348A
• 30 µin minimum contact plating
• Gold Plated Brass Contact

Applications
• General Purpose Test
• CATV




Similar Part No. - PE9362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
More results


Similar Description - PE9362

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
75 Ohm N Female to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com