Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9363 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE9363 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE9363
Download  PE9363 Download
File Size   256.01 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead 75 Ohm BNC Female to BNC Female Adapter

PE9363 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE9363 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE9363
Download  PE9363 Click to download

File Size   256.01 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Bulkhead 75 Ohm BNC Female to BNC Female Adapter

PE9363 Datasheet (HTML) - Pasternack Enterprises, Inc.


PE9363 Product details

Description
Pasternack’s PE9363 75 ohm BNC female to BNC female bulkhead adapter is part of our full line of RF components available for same-day shipping. Our BNC to BNC adapter has a female to female gender configuration. PE9363 BNC female to BNC female adapter operates to 1,000 MHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum. This RF BNC to BNC bulkhead adapter allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.

Configuration
• BNC Female Connector 1
• BNC Female Connector 2
• 75 Ohms
• Straight Body Geometry
• Bulkhead Mount Method

Features
• Max VSWR of 1.3:1 up to 1,000 MHz
• Gold Plated Brass Contact
• 30 µ-in min Gold Contact Plating

Applications
• General Purpose Test
• Rack Mounted Equipment




Similar Part No. - PE9363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9365 PASTERNACK-PE9365 Datasheet
239Kb / 2P
75 Ohm BNC Tee Adapter Female-Male-Female
More results


Similar Description - PE9363

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE91324 PASTERNACK-PE91324 Datasheet
333Kb / 3P
50 Ohm BNC Female to 75 Ohm F Female Bulkhead Adapter
logo
Huber+Suhner, Inc.
34_BNC-75-0-1133_N HUBERSUHNER-34_BNC-75-0-1133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
34_BNC-75-0-2133_N HUBERSUHNER-34_BNC-75-0-2133_N Datasheet
2Mb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, Bulkhead, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com