| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BR2505 Datasheet
# Example questions:
➢ What is the maximum allowable operating temperature for this silicon bridge rectifier?
➢ What is the peak forward surge current rating for the br2510 model?
➢ How does the current rating change when used with a capacitive load?
# BR2505 - BR2510 Silicon Bridge Rectifier
## General Features
️· Surge overload ratings: 400 Amperes
️· Molded plastic case with heatsink for maximum heat dissipation
️· Low forward voltage drop
️· Epoxy: UL 94V-0 flame retardant
️· Faston lugs: Plated .25"(6.35mm), solderable per MIL-STD-202E
️· Mounting position: Any
️· Weight: 30 grams
️· Operating and Storage Temperature Range: -55 to +150 °C
## Electrical Characteristics
| Parameter | BR2505 | BR251 | BR252 | BR254 | BR256 | BR258 | BR2510 | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Bridge Input Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Rectified Output Current (IO) @ Tc = 55 °C | 25 | 25 | 25 | 25 | 25 | 25 | 25 | Amps |
| Peak Forward Surge Current (IFSM) | 400 | 400 | 400 | 400 | 400 | 400 | 400 | Amps |
| Maximum Forward Voltage Drop per element (VF) at 12.5A DC | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| Maximum DC Reverse Current at Rated (IR) @TA = 25 °C | 10 | 10 | 10 | 10 | 10 | 10 | 10 | uAmps |
| Maximum DC Reverse Current at Rated @TA = 100 °C | 500 | 500 | 500 | 500 | 500 | 500 | 500 | uAmps |
| I2t Rating for Fusing (t<8.3ms) | 374 | 374 | 374 | 374 | 374 | 374 | 374 | A2Sec |
| Typical Junction Capacitance (CJ) | 300 | 300 | 300 | 300 | 300 | 300 | 300 | pF |
| Typical Thermal Resistance (RθJC) | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | °C/W |
## Notes
️· Junction capacitance measured at 1 MHz with a reverse voltage of 4.0 volts.
️· Thermal resistance is from junction to case per leg.
️· For capacitive loads, derate current by 20%.
# BR2505 - BR2510 Silicon Bridge Rectifier
## General Features
️· Surge overload ratings: 400 Amperes
️· Molded plastic case with heatsink for maximum heat dissipation
️· Low forward voltage drop
️· Epoxy: UL 94V-0 flame retardant
️· Faston lugs: Plated .25"(6.35mm), solderable per MIL-STD-202E
️· Mounting position: Any
️· Weight: 30 grams
️· Operating and Storage Temperature Range: -55 to +150 °C
## Electrical Characteristics
| Parameter | BR2505 | BR251 | BR252 | BR254 | BR256 | BR258 | BR2510 | Units |
|---|---|---|---|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage (VRRM) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum RMS Bridge Input Voltage (VRMS) | 35 | 70 | 140 | 280 | 420 | 560 | 700 | Volts |
| Maximum DC Blocking Voltage (VDC) | 50 | 100 | 200 | 400 | 600 | 800 | 1000 | Volts |
| Maximum Average Forward Rectified Output Current (IO) @ Tc = 55 °C | 25 | 25 | 25 | 25 | 25 | 25 | 25 | Amps |
| Peak Forward Surge Current (IFSM) | 400 | 400 | 400 | 400 | 400 | 400 | 400 | Amps |
| Maximum Forward Voltage Drop per element (VF) at 12.5A DC | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | 1.1 | Volts |
| Maximum DC Reverse Current at Rated (IR) @TA = 25 °C | 10 | 10 | 10 | 10 | 10 | 10 | 10 | uAmps |
| Maximum DC Reverse Current at Rated @TA = 100 °C | 500 | 500 | 500 | 500 | 500 | 500 | 500 | uAmps |
| I2t Rating for Fusing (t<8.3ms) | 374 | 374 | 374 | 374 | 374 | 374 | 374 | A2Sec |
| Typical Junction Capacitance (CJ) | 300 | 300 | 300 | 300 | 300 | 300 | 300 | pF |
| Typical Thermal Resistance (RθJC) | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | 2.5 | °C/W |
| Part No. | BR2505 |
| Manufacturer | DCCOM |
| Size | 433 Kbytes |
| Pages | 2 pages |
| Description | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |