Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR2505 Datasheet(PDF) 1 Page - Dc Components

Part # BR2505
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BR2505 Datasheet(HTML) 1 Page - Dc Components

  BR2505 Datasheet HTML 1Page - Dc Components BR2505 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 25 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BR2505
THRU
BR2510
BR-25
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
25
400
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
DC Blocking Voltage per element
VF
IR
1.1
500
uAmps
Maximum DC Reverse Current at Rated
Maximum Forward Voltage Drop per element at 12.5A DC
Volts
10
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0 C
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Case per leg.
I
2t Rating for Fusing (t<8.3ms)
I
2t
374
A
2Sec
Typical Junction Capacitance ( Note1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
R
θJC
2.5
0C/W
BR2505
BR251
BR252
BR254
BR256
BR258
BR2510
@TA = 25
oC
@TA = 100
oC
TYP
METAL HEAT SINK
Dimensions in inches and (millimeters)
FEATURES
* Surge overload ratings-400 Amperes
* Case: Molded plastic with heatsink
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 30 grams
* Plastic case with heatsink for Maximum Heat Dissipation
* Low forward voltage drop
248
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - BR2505

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR2505 RECTRON-BR2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
BR2505 ETC-BR2505 Datasheet
124Kb / 2P
25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
BR2505 MIC-BR2505 Datasheet
103Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
BR2505 CHONGQING-BR2505 Datasheet
43Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
BR2505 WINNERJOIN-BR2505 Datasheet
203Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - BR2505

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
DB151 DCCOM-DB151 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com