| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ES25A Datasheet
# Example questions:
➢ What is the typical thermal resistance (rθja) of this device, as specified in the datasheet?
➢ What is the maximum average forward rectified current (if) at a temperature of 90°c, according to the provided information?
➢ What is the maximum repetitive peak reverse voltage (vrrm) that the device can withstand?
# ES25A High Efficiency Recovery Rectifier
## Features
️· Fast switching
️· Low forward voltage drop
️· High current capability
️· Low reverse leakage current
️· Glass Passivated
## Electrical Characteristics
️· VRRM: 600V
️· VRMS: 420V
️· VDC: 600V
️· IF (TA=90°C): 2A
️· IFSM: 60A
️· VF (2.0A): 1.7V
️· IR (TA=25°C): 5µA
️· IR (TA=100°C): 100µA
️· TRR: 35ns
️· RθJA: 55°C/W
️· CJ: 50pF
️· TJ, TSTG: -55 to 150°C
## Mechanical Characteristics
️· Case: SMA/DO-214AC
️· Weight: 0.064g
## Package Information
️· Package: SMA
️· MPQ: 5K
️· Leader Size: 13”
# ES25A High Efficiency Recovery Rectifier
## Features
️· Fast switching
️· Low forward voltage drop
️· High current capability
️· Low reverse leakage current
️· Glass Passivated
## Electrical Characteristics
️· VRRM: 600V
️· VRMS: 420V
️· VDC: 600V
️· IF (TA=90°C): 2A
️· IFSM: 60A
️· VF (2.0A): 1.7V
️· IR (TA=25°C): 5µA
️· IR (TA=100°C): 100µA
️· TRR: 35ns
️· RθJA: 55°C/W
️· CJ: 50pF
️· TJ, TSTG: -55 to 150°C
## Mechanical Characteristics
️· Case: SMA/DO-214AC
️· Weight: 0.064g
## Package Information
️· Package: SMA
️· MPQ: 5K
️· Leader Size: 13”
| Part No. | ES25A |
| Manufacturer | SECOS |
| Size | 200 Kbytes |
| Pages | 2 pages |
| Description | High Efficiency Recovery Rectifiers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |