Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES25A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ES25A
Description  High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES25A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES25A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES25A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES25A
600 V 2.0 Amp
High Efficiency Recovery Rectifiers
19-Jun-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
Glass passivated chip
MECHANICAL DATA
Case: Molded plastic SMA/DO-214AC
Epoxy: UL 94V-0 rate flame retardant
Terminals: Solderable per MIL-STD-750 method 2026
Polarity: Color band denotes cathode
Mounting position: Any
Weight: 0.064 gram
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
600
V
Maximum RMS Voltage
VRMS
420
V
Maximum DC Blocking Voltage
VDC
600
V
Maximum Average Forward Rectified TA=90°C
IF
2
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
60
A
Maximum Instantaneous Forward Voltage @ 2.0A
VF
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=100°C
IR
100
μA
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Thermal Resistance
3
RθJA
55
°C / W
Typical Junction Capacitance
2
CJ
50
pF
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Notes:
1. Reverse Recovery Time test condition:IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance junction to ambient.
SMA
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.24
1.65
E
-
0.203
B
3.99
4.60
F
4.80
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.15
0.305


Similar Part No. - ES25A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25A05-050 MEANWELL-ES25A05-050 Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25A05-P1J MEANWELL-ES25A05-P1J Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25A07-075 MEANWELL-ES25A07-075 Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
ES25A07-P1J MEANWELL-ES25A07-P1J Datasheet
167Kb / 2P
20~25WAC-DC Single Output Desktop
More results

Similar Description - ES25A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
High Efficiency Recovery Rectifiers
DHE05M LUGUANG-DHE05M Datasheet
2Mb / 2P
High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
High Efficiency Recovery rectifiers
US3A-US3M-SMC YFWDIODE-US3A-US3M-SMC Datasheet
302Kb / 2P
High Efficiency Recovery rectifiers
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
logo
Shanghai Leiditech Elec...
US5A LEIDITECH-US5A Datasheet
297Kb / 3P
High Efficiency Recovery rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com