Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3308 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP3308 Datasheet

  • # Example questions: ➢ What is the shutdown voltage (ven) for the lp3308, and what function does it serve?
    ➢ What is the typical operating frequency of the lp3308 boost converter?
    ➢ What is the recommended inductance range for applications requiring a 30v output?

  • Part No.LP3308
    ManufacturerPOWER
    Size439 Kbytes
    Pages9 pages
    Description1.4MHzFixed-Frequency PWM Operation
    Datasheet Summary with AI

    1. Overview & Key Features

    ️· Device: LP3308 (Boost Converter)
    ️· Description: A high-efficiency, current-mode control boost converter designed for applications requiring a regulated output voltage from a lower input voltage.
    ️· Key Features:
    - Wide Input Voltage Range: 2.7V to 5.5V
    - High Efficiency
    - Current-Mode Control
    - Shutdown Current: <1µA
    - Programmable Soft-Start
    - Available in TSOT23-6 and SOT23-5 packages
    - Minimized External Components
    - RoHS Compliant & Lead-Free

    2. Applications

    ️· Panel Bias Voltage Supply
    ️· OLED Backlight Driver
    ️· Notebook Computers
    ️· Portable Applications
    ️· MID (Mobile Internet Device) / PTV (Portable Television)

    3. Functional Pin Description

    Pin Name Function
    LX Switch Pin: Connect to inductor and catch diode. Minimize track area for reduced EMI.
    GND Ground Pin
    FB Feedback Pin: Connect to output voltage through a resistor divider to set the output voltage.
    /SHDN Shutdown/Enable Pin: Active high. Pull low to disable, connect to VCC to enable.
    SS Soft-Start Pin: Connect to a resistor and capacitor to program the soft-start time. Leave open to disable.
    Vin Supply Input Pin: Bypass with a capacitor to reduce input noise.

    4. Block Diagram (See original document for visual)

    5. Absolute Maximum Ratings

    ️· Supply Input Voltage: -0.3V to 6.0V
    ️· LX Input Voltage: -0.3V to 33V
    ️· Other Pins: -0.3V to 5.5V
    ️· Power Dissipation: 0.455W (TSOT23-5/6)
    ️· Operating Temperature: -40°C to +80°C
    ️· Storage Temperature: -65°C to +150°C

    6. Electrical Characteristics

    Parameter Symbol Test Conditions Min Typ Max Unit
    Operating Voltage VDD 2.7 - 6.0 V
    UVLO Voltage VDD 2.2 2.4 2.6 V
    Supply Current IDD - 430 550 µA
    Shutdown Current IDD VEN < 0.4V - 0.1 1 µA
    Line Regulation VIN: 3.0V to 4.3V - 2 - %
    Operating Frequency FOSC - 1.4 - MHz
    Duty Cycle - 93 - %
    Feedback Voltage LP3308 1.21 1.23 1.255 V
    MOSFET RDS(on) RDS(on) - 0.7 - Ω
    SW Current Limit ILM - 1.4 - A
    Shutdown Voltage VEN 0.3 - - V
    Enable On Voltage VEN 1.0 - - V

    7. Typical Operating Characteristics (See original document for graphs)

    8. Applications Information

    ️· Inductor Selection: 4.7µH to 22µH is recommended. Choose an inductor with low core loss and low DCR for better efficiency.

    9. Package Information (See original document)



    Key Takeaways:

    ️· This is a relatively simple, efficient boost converter IC.
    ️· It's well-suited for portable applications.
    ️· The datasheet provides enough information to design a basic boost converter circuit.
    ️· Pay attention to the inductor selection as it significantly affects performance.

    1. Overview & Key Features

    ️· Device: LP3308 (Boost Converter)
    ️· Description: A high-efficiency, current-mode control boost converter designed for applications requiring a regulated output voltage from a lower input voltage.
    ️· Key Features:
    - Wide Input Voltage Range: 2.7V to 5.5V
    - High Efficiency
    - Current-Mode Control
    - Shutdown Current: <1µA
    - Programmable Soft-Start
    - Available in TSOT23-6 and SOT23-5 packages
    - Minimized External Components
    - RoHS Compliant & Lead-Free

    2. Applications

    ️· Panel Bias Voltage Supply
    ️· OLED Backlight Driver
    ️· Notebook Computers
    ️· Portable Applications
    ️· MID (Mobile Internet Device) / PTV (Portable Television)

    3. Functional Pin Description

    Pin Name Function
    LX Switch Pin: Connect to inductor and catch diode. Minimize track area for reduced EMI.
    GND Ground Pin
    FB Feedback Pin: Connect to output voltage through a resistor divider to set the output voltage.
    /SHDN Shutdown/Enable Pin: Active high. Pull low to disable, connect to VCC to enable.
    SS Soft-Start Pin: Connect to a resistor and capacitor to program the soft-start time. Leave open to disable.
    Vin Supply Input Pin: Bypass with a capacitor to reduce input noise.

    4. Block Diagram (See original document for visual)

    5. Absolute Maximum Ratings

    ️· Supply Input Voltage: -0.3V to 6.0V
    ️· LX Input Voltage: -0.3V to 33V
    ️· Other Pins: -0.3V to 5.5V
    ️· Power Dissipation: 0.455W (TSOT23-5/6)
    ️· Operating Temperature: -40°C to +80°C
    ️· Storage Temperature: -65°C to +150°C

    6. Electrical Characteristics

    Parameter Symbol Test Conditions Min Typ Max Unit
    Operating Voltage VDD 2.7 - 6.0 V
    UVLO Voltage VDD 2.2 2.4 2.6 V
    Supply Current IDD - 430 550 µA
    Shutdown Current IDD VEN < 0.4V - 0.1 1 µA
    Line Regulation VIN: 3.0V to 4.3V - 2 - %
    Operating Frequency FOSC - 1.4 - MHz
    Duty Cycle - 93 - %
    Feedback Voltage LP3308 1.21 1.23 1.255 V
    MOSFET RDS(on) RDS(on) - 0.7 - Ω
    SW Current Limit ILM - 1.4 - A
    Shutdown Voltage VEN 0.3 - - V
    Enable On Voltage VEN 1.0 - - V

    7. Typical Operating Characteristics (See original document for graphs)

    8. Applications Information

    ️· Inductor Selection: 4.7µH to 22µH is recommended. Choose an inductor with low core loss and low DCR for better efficiency.

    9. Package Information (See original document)



    Key Takeaways:

    ️· This is a relatively simple, efficient boost converter IC.
    ️· It's well-suited for portable applications.
    ️· The datasheet provides enough information to design a basic boost converter circuit.
    ️· Pay attention to the inductor selection as it significantly affects performance.

    Part No.LP3308
    ManufacturerPOWER
    Size439 Kbytes
    Pages9 pages
    Description1.4MHzFixed-Frequency PWM Operation