Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3308 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3308
Description  1.4MHzFixed-Frequency PWM Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3308 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3308 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3308 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP3308
LP3308– 00 Version1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 1 of 9
1.4MHz,30V/1.3A High Performance, Boost Converter
General Description
The LP3308 is a 1.4MHz PWM boost switching
regulator
designed
for
constant-voltage
boost
applications. The LP3308 can drive a string of up to
30V. The LP3308 implements a constant frequency
1.4MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. To improve efficiency, the
feedback voltage is set to 1230 mV, which reduces
the power dissipation in the voltage setting resistor.
Highly
integration
and
internal
compensation
network minimizes as 5 external component counts.
Optimized
operation
frequency
can
meet
the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3308
F: Pb-Free
Package:
B5: SOT23-5
B6: TSOT23-6
Pin Configurations
(TSOT23-6)
(SOT23-5)
Features
High Efficiency: 90% 
1.4MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 30V
Guaranteed 13V/200mA Output with 5V input
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA 
Programmable Soft-star
Available in TSOT23-6/SOT23-5 Package 
Minimize the External Component
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Panel Bais Voltage supply
OLED Backlight driver
Notebook Computers
Portable Applications
MID/PTV
Typical Application Circuit
C1
4.7uF
Vin
R1
860K
R2
100K
C2
4.7uF
C3/NC
100pF
LP3308
4
3
6
5
SHDN
FB
Vin
SS
C4
33nF
10uH
D1
SS0520
Marking information
Please view website.


Similar Part No. - LP3308

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
More results

Similar Description - LP3308

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3322 POWER-LP3322 Datasheet
515Kb / 8P
1.1MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com