Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80L2001 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE80L2001 Datasheet

  • # Example questions: ➢ What type of connector is used for the rf input and output of this limiter?
    ➢ What is the maximum peak power this limiter can handle with a 1us pulse and 0.1% duty cycle?
    ➢ How does the input power derating change at the maximum operating temperature of +125°c?

  • Part No.PE80L2001
    ManufacturerPASTERNACK
    Size424 Kbytes
    Pages7 pages
    DescriptionHigh Speed 200 Watt Peak Limit
    Datasheet Summary with AI

    # PE80L2001 High Power Limiter

    ## Features
    · Peak Power: 200 W
    · Frequency Range: 2 GHz to 18 GHz
    · Insertion Loss: 2 dB Max (@ -10 dBm Pin)
    · VSWR: 2.0:1
    · Leakage: +14 dBm Max (@ 1W CW)
    · Recovery Time: 20 ns (typical) / 100 ns (max)
    · Limiting Threshold: +6 dBm

    ## Description
    · High Power Limiter operating from 2 GHz to 18 GHz.
    · Operates from -55°C to +125°C.
    · RF Input: SMA Male connector
    · RF Output: SMA Female connector

    ## Electrical Specifications
    · Input Power (CW): 1 W (derated 20% @ +125°C)
    · Input Power (Peak): 200 W @ 1us pulse, 0.1% Duty Cycle


    ## Mechanical Specifications
    · Size: 0.75" x 1" x 0.3" (19.05 mm x 25.4 mm x 7.62 mm)
    · Weight: 0.033 lbs (14.97 g)

    ## Environmental Specifications
    · Complies with MIL-STD-202F standards for shock, vibration, altitude, temperature cycle, fungus, salt fog.
    · ESD Sensitivity: Requires handling in approved ESD bags and workstation.

    ## Compliance
    · Not RoHS Compliant

    # PE80L2001 High Power Limiter

    ## Features
    · Peak Power: 200 W
    · Frequency Range: 2 GHz to 18 GHz
    · Insertion Loss: 2 dB Max (@ -10 dBm Pin)
    · VSWR: 2.0:1
    · Leakage: +14 dBm Max (@ 1W CW)
    · Recovery Time: 20 ns (typical) / 100 ns (max)
    · Limiting Threshold: +6 dBm

    ## Description
    · High Power Limiter operating from 2 GHz to 18 GHz.
    · Operates from -55°C to +125°C.
    · RF Input: SMA Male connector
    · RF Output: SMA Female connector

    ## Electrical Specifications
    · Input Power (CW): 1 W (derated 20% @ +125°C)
    · Input Power (Peak): 200 W @ 1us pulse, 0.1% Duty Cycle

    ## Mechanical Specifications
    · Size: 0.75" x 1" x 0.3" (19.05 mm x 25.4 mm x 7.62 mm)
    · Weight: 0.033 lbs (14.97 g)

    ## Environmental Specifications
    · Complies with MIL-STD-202F standards for shock, vibration, altitude, temperature cycle, fungus, salt fog.
    · ESD Sensitivity: Requires handling in approved ESD bags and workstation.

    ## Compliance
    · Not RoHS Compliant

    Part No.PE80L2001
    ManufacturerPASTERNACK
    Size424 Kbytes
    Pages7 pages
    DescriptionHigh Speed 200 Watt Peak Limit
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com