Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80L2001 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE80L2001
Description  High Speed 200 Watt Peak Limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2001 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE80L2001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2001 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
-8
-6
-4
-2
0
2
4
6
8
10
-10
-5
0
5
10
15
20
25
30
RF INPUT POWER (dBm)
LIMITER RESPONSE WITH FREQUENCY
2 GHz
4 GHz
6 GHz
8 GHz
10 GHz
12 GHz
14 GHz
16 GHz
18 GHz
PE80L2001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 200 Watts Peak Power, 100 ns Recovery, 14 dBm Flat Leakage,
2 GHz to 18 GHz PE80L2001
SMA High Power Limiter, 200 Watts Peak Power, 100 ns
Recovery, 14 dBm Flat Leakage, 2 GHz to 18 GHz
Limiters - PE80L2001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com