| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4510 Datasheet
# Example questions:
➢ What is the maximum operating voltage for this n male connector?
➢ Which cable types is this connector designed to be used with?
➢ What is the operating temperature range for this connector?
# 75 Ohm N Male Connector - PE4510
## Configuration
· Connector Type: N Male
· Connector Specification: MIL-STD-348A
· Interface Type: RG11, RG144, RG216
· Cable Attachment: Crimp/Solder
· Body Style: Straight
## Electrical Specifications
· Frequency Range: DC to 11 GHz
· Impedance: 75 Ohms
· Maximum Operating Voltage: 1,500 Volts
· Frequency (Specific): DC to 3 GHz
· VSWR: 1.3:1
## Mechanical Specifications
· Operating Temperature: -65 to +165 °C
· Length: 1.504 in [38.2 mm]
· Width/Diameter: 0.8 in [20 mm]
· Weight: 0.082 lbs [37.19 g]
## Materials & Compliance
· Contact Material: Brass, Gold Plated
· Coupling Nut Material: Brass, Nickel Plated
· Body Material: Brass, Nickel Plated
· Dielectric Type: Teflon
· RoHS Compliant: Yes
## Additional Information
· Same day shipment available
· 99% product availability
· CAD Drawing: PE4510 available.
# 75 Ohm N Male Connector - PE4510
## Configuration
· Connector Type: N Male
· Connector Specification: MIL-STD-348A
· Interface Type: RG11, RG144, RG216
· Cable Attachment: Crimp/Solder
· Body Style: Straight
## Electrical Specifications
· Frequency Range: DC to 11 GHz
· Impedance: 75 Ohms
· Maximum Operating Voltage: 1,500 Volts
· Frequency (Specific): DC to 3 GHz
· VSWR: 1.3:1
## Mechanical Specifications
· Operating Temperature: -65 to +165 °C
· Length: 1.504 in [38.2 mm]
· Width/Diameter: 0.8 in [20 mm]
· Weight: 0.082 lbs [37.19 g]
## Materials & Compliance
· Contact Material: Brass, Gold Plated
· Coupling Nut Material: Brass, Nickel Plated
· Body Material: Brass, Nickel Plated
· Dielectric Type: Teflon
· RoHS Compliant: Yes
## Additional Information
· Same day shipment available
· 99% product availability
· CAD Drawing: PE4510 available.
| Part No. | PE4510 |
| Manufacturer | PASTERNACK |
| Size | 264 Kbytes |
| Pages | 2 pages |
| Description | 75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216 |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |