Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4510 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4510
Description  75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4510 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4510 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4510 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male Connector Crimp/Solder
Attachment For RG11, RG144, RG216
75 Ohm N Male Connector Crimp/Solder Attachment For RG11, RG144, RG216
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG11,RG144,RG216
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
75
Maximum Operating Voltage, Volts
1,500
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.504 [38.2]
Width/Dia., in [mm]
0.8 [20]
.
Weight, lbs [g]
0.082 [37.19]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-rg11-rg144-rg216-connector-pe4510-p.aspx
75 Ohm N Male Connector Crimp/Solder Attachment For RG11, RG144, RG216 from Pasternack Enterprises has same
day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4510
PE4510 REV


Similar Part No. - PE4510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4510 PASTERNACK-PE4510 Datasheet
356Kb / 4P
75 Ohm N Male Connector Crimp/Solder Attachment
PE4510 PASTERNACK-PE4510_16 Datasheet
356Kb / 4P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44315 PASTERNACK-PE44315 Datasheet
251Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG11
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
PE4509 PASTERNACK-PE4509 Datasheet
222Kb / 2P
75 Ohm N Male Connector Clamp/Solder Attachment For RG11, RG144, RG216
PE4599 PASTERNACK-PE4599 Datasheet
237Kb / 3P
75 Ohm BNC Male Connector Clamp/ Solder Attachment For RG11, RG216
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4502 PASTERNACK-PE4502 Datasheet
236Kb / 3P
75 Ohm N Male Right Angle Connector Clamp - Solder Attachment For RG11, RG144, RG216
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com