Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G526-1 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about G526-1 Datasheet

  • # Example questions: ➢ Describe the function of the uvlo (undervoltage lockout) feature of the g526 and its typical activation threshold.
    ➢ What are the two available enable input configurations for the g526, and what does each signify?
    ➢ What is the recommended method for filtering transients on the input supply and why is it important?

  • Part No.G526-1
    ManufacturerETC
    Size89 Kbytes
    Pages6 pages
    DescriptionDual USB High-Side Power Switch
    Datasheet Summary with AI

    1. Overview and Function

    ️· What it is: The G526 is a dual high-side switch designed for USB power applications. It's essentially two independent switches in one package.
    ️· Active-High/Active-Low: Available in two versions, G526-1 (active-high enable) and G526-2 (active-low enable).
    ️· Purpose: Used to control power to USB hubs, devices, and other loads, offering protection and meeting USB power requirements.

    2. Key Features & Protection

    ️· Soft Start: Reduces inrush current during startup, preventing voltage drops and meeting USB specifications.
    ️· Undervoltage Lockout (UVLO): Prevents operation if the input voltage (IN) is too low (below 2.5V typical).
    ️· Current Limiting: Limits output current to prevent damage to the switch and load (typically 0.5A).
    ️· Thermal Shutdown: Shuts off both switches if the die temperature exceeds 135°C, with hysteresis to prevent oscillation (shuts off at 135°C, turns back on at 125°C).
    ️· Fault Flag (FLG): An open-drain output that signals fault conditions (UVLO, current limit, or thermal shutdown). Requires an external pull-up resistor.

    3. Applications & Design Considerations

    ️· Supply Filtering: A bypass capacitor (0.1 µF to 1 µF) from IN to GND is *essential* to handle transient voltage spikes.
    ️· Transient Overcurrent Filter: A simple RC filter (1ms) may be needed in series with the fault flag output to prevent spurious overcurrent flags during heavy load startup.
    ️· Enable Input: The enable input (EN) must be actively driven high or low; floating the input is not allowed.
    ️· Soft Start Importance: Critical for meeting USB voltage drop requirements, especially with larger capacitive loads.

    4. Specifications & Package

    ️· Input Voltage: 4.0V to 5.5V
    ️· Package: 8-lead SOIC (Small Outline Integrated Circuit) - Dimensions and tolerances are specified.
    ️· Package Body Sizes: Exclude mold flash and gate burrs.

    5. Functional Description

    ️· Input (IN): Power supply connection for both the logic circuitry and the MOSFET source.
    ️· Output (OUTx): Drain of the MOSFETs.
    ️· Reverse Voltage Capability: The device can handle a higher voltage at the output (VOUT) compared to the input (VIN) when the switch is off, preventing drain-to-body diode current flow.
    ️· Current Sensing: Allows for constant-current mode during overcurrent conditions.
    ️· Reaction to Overcurrent: A switch being turned on under heavy load, or having a heavy load applied, will result in an output voltage that will fold back into a constant-current mode while a fault flag may be pulled down.



    In essence, the G526 is a robust and protected dual switch designed for USB power management, offering features to meet USB specifications and prevent damage to connected devices.

    1. Overview and Function

    ️· What it is: The G526 is a dual high-side switch designed for USB power applications. It's essentially two independent switches in one package.
    ️· Active-High/Active-Low: Available in two versions, G526-1 (active-high enable) and G526-2 (active-low enable).
    ️· Purpose: Used to control power to USB hubs, devices, and other loads, offering protection and meeting USB power requirements.

    2. Key Features & Protection

    ️· Soft Start: Reduces inrush current during startup, preventing voltage drops and meeting USB specifications.
    ️· Undervoltage Lockout (UVLO): Prevents operation if the input voltage (IN) is too low (below 2.5V typical).
    ️· Current Limiting: Limits output current to prevent damage to the switch and load (typically 0.5A).
    ️· Thermal Shutdown: Shuts off both switches if the die temperature exceeds 135°C, with hysteresis to prevent oscillation (shuts off at 135°C, turns back on at 125°C).
    ️· Fault Flag (FLG): An open-drain output that signals fault conditions (UVLO, current limit, or thermal shutdown). Requires an external pull-up resistor.

    3. Applications & Design Considerations

    ️· Supply Filtering: A bypass capacitor (0.1 µF to 1 µF) from IN to GND is *essential* to handle transient voltage spikes.
    ️· Transient Overcurrent Filter: A simple RC filter (1ms) may be needed in series with the fault flag output to prevent spurious overcurrent flags during heavy load startup.
    ️· Enable Input: The enable input (EN) must be actively driven high or low; floating the input is not allowed.
    ️· Soft Start Importance: Critical for meeting USB voltage drop requirements, especially with larger capacitive loads.

    4. Specifications & Package

    ️· Input Voltage: 4.0V to 5.5V
    ️· Package: 8-lead SOIC (Small Outline Integrated Circuit) - Dimensions and tolerances are specified.
    ️· Package Body Sizes: Exclude mold flash and gate burrs.

    5. Functional Description

    ️· Input (IN): Power supply connection for both the logic circuitry and the MOSFET source.
    ️· Output (OUTx): Drain of the MOSFETs.
    ️· Reverse Voltage Capability: The device can handle a higher voltage at the output (VOUT) compared to the input (VIN) when the switch is off, preventing drain-to-body diode current flow.
    ️· Current Sensing: Allows for constant-current mode during overcurrent conditions.
    ️· Reaction to Overcurrent: A switch being turned on under heavy load, or having a heavy load applied, will result in an output voltage that will fold back into a constant-current mode while a fault flag may be pulled down.



    In essence, the G526 is a robust and protected dual switch designed for USB power management, offering features to meet USB specifications and prevent damage to connected devices.

    Part No.G526-1
    ManufacturerETC
    Size89 Kbytes
    Pages6 pages
    DescriptionDual USB High-Side Power Switch
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com