Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G526-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G526-1
Description  Dual USB High-Side Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G526-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G526-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers G526-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers G526-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers G526-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers G526-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers G526-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver 1.0
Dec 26, 2000
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G526
Global Mixed-mode Technology Inc.
Undervoltage Lockout
UVLO (undervoltage lockout) prevents the output
MOSFET from turning on until IN (input voltage) ex-
ceeds 2.5V typical. After the switch turns on, if the
voltage drops below 2.3V typical, UVLO shuts off the
output MOSFET and signals the fault flag. Undervolt-
age detection functions only when at least one switch
is enabled.
Current Sensing and Limiting
The current limit threshold is preset internally. The
preset level prevents damage to the output MOSFET
and external load but allows a minimum current of
0.5A through the output MOSFET.
A current sense circuit senses the output current of
MOSFET switch. If output current exceeds the current
limit threshold, the output MOSFET switch is shut off
and a fault flag is pulled low. The reaction to an over-
current is measured with the following scenarios:
Switch Enable into Heavy Load
If a switch is powered-on or enabled into a heavy load
or short-circuit, the switch immediately goes into a
constant-current mode, reducing output voltage. The
fault flag goes low until the load is reduced or thermal
shutdown occurs.
Heavy Load Applied Suddenly to Enabled Switch
When a heavy load is applied, a large current may
flow from the output capacitor and the switch. The
current limit circuit may shut the switch off briefly, then
fold back into constant-current mode. In that case, the
fault flag falls until the load is reduced.
Fault Flag
FLG is an N-channel, open-drain MOSFET output.
The fault-flag is active (low) for one or more of the
following conditions: undervoltage, current limit, or
thermal shutdown. The flag output MOSFET is capa-
ble of sinking a 10mA load to typically 100mV above
ground.
Both flag pins may be "wire-NORed" to a
common pullup resistor.
Applications Information
Supply filtering
A 0.1µF to 1µF bypass capacitor from IN to GND, lo-
cated at the G526, is strongly recommended to control
supply transients. Without a bypass capacitor, an out-
put short may cause sufficient ringing on the input
(from supply lead inductance) to damage internal con-
trol circuitry.
Input or output transients must not exceed the abso-
lute maximum supply voltage (VIN max = 6V) even for
a short duration.
Figure 1. Supply Bypassing
Figure 2. Soft Start (Single Channel)
ENA
FLGA
FLGB
ENB
OUTA
IN
GND
OUTB
G526
4.0V to 5.5V
0.1µF to 1µF
USB Host
GND
V
BUS
Cable
Bus Powered Hub
USB
Controller
C
BULK
4.7
µF
G526
Cable
Downstream USB Device
Capacitive
Load
1
2
3
4
8
7
6
5
OUTA
IN
GND
OUTB
ENA
FLGA
FLGB
ENB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com