| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE4606 Datasheet
# Example questions:
➢ What are the dimensions of the connector in inches and millimeters for length, width/diameter, and height?
➢ What is the minimum plating thickness of the contact material?
➢ Which cable types are compatible with this connector, according to the specifications?
# PE4606 75 Ohm BNC Male Right Angle Connector
## Specifications
️· Connector Type: BNC Male, Right Angle
️· Impedance: 75 Ohms
️· Attachment: Clamp/Solder
️· Compatible Cables: RG11, RG216, RG144
️· Plating:
- Contact: Gold, 30 µin minimum
- Body & Coupling Nut: Nickel, 100 µin minimum
️· Material:
- Contact: Brass
- Insulation: PTFE
- Body & Coupling Nut: Brass
## Mechanical Dimensions
️· Length: 1.81 in [45.97 mm]
️· Width/Diameter: 0.75 in [19.05 mm]
️· Height: 1.163 in [29.54 mm]
️· Weight: 0.151 lbs [68.49 g]
## Additional Information
️· Certifications: See product page for current documents.
️· Note: Dimensions are nominal and subject to change.
️· Cable Compatibility: Fits MIL-C-17 and equivalent cables.
# PE4606 75 Ohm BNC Male Right Angle Connector
## Specifications
️· Connector Type: BNC Male, Right Angle
️· Impedance: 75 Ohms
️· Attachment: Clamp/Solder
️· Compatible Cables: RG11, RG216, RG144
️· Plating:
- Contact: Gold, 30 µin minimum
- Body & Coupling Nut: Nickel, 100 µin minimum
️· Material:
- Contact: Brass
- Insulation: PTFE
- Body & Coupling Nut: Brass
## Mechanical Dimensions
️· Length: 1.81 in [45.97 mm]
️· Width/Diameter: 0.75 in [19.05 mm]
️· Height: 1.163 in [29.54 mm]
️· Weight: 0.151 lbs [68.49 g]
## Additional Information
️· Certifications: See product page for current documents.
️· Note: Dimensions are nominal and subject to change.
️· Cable Compatibility: Fits MIL-C-17 and equivalent cables.
| Part No. | PE4606 |
| Manufacturer | PASTERNACK |
| Size | 330 Kbytes |
| Pages | 3 pages |
| Description | 75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |