Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4606 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4606
Description  75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4606 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4606 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4606 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4606 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 75 Ohms
• Right Angle Body Geometry
• RG11, RG216, RG144 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE4606 75 ohm BNC male right angle connector with clamp/solder attachment for RG11, RG216 and RG144
is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces.
Our 75 ohm BNC male right angle connector PE4606 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.81 in [45.97 mm]
Width/Dia.
0.75 in [19.05 mm]
Height
1.163 in [29.54 mm]
.
Weight
0.151 lbs [68.49 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment for RG11, RG216,
RG144 PE4606
PE4606 REV 1.1
75 Ohm BNC Male Right Angle Connector Clamp/
Solder Attachment for RG11, RG216, RG144
RF Connectors Technical Data Sheet
PE4606


Similar Part No. - PE4606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
logo
SHENZHEN DOINGTER SEMIC...
PE4606 DOINGTER-PE4606 Datasheet
2Mb / 8P
N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - PE4606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4609 PASTERNACK-PE4609 Datasheet
344Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4605 PASTERNACK-PE4605 Datasheet
234Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com