Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4550 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE4550 Datasheet

  • # Example questions: ➢ What is the operating temperature range for this n male connector?
    ➢ What is the maximum operating frequency for this n male connector?
    ➢ Which cable types are specifically listed as compatible with this connector?

  • Part No.PE4550
    ManufacturerPASTERNACK
    Size358 Kbytes
    Pages3 pages
    DescriptionN Male Connector Crimp/Solder Attachment
    Datasheet Summary with AI

    # PE4550 N Male Connector

    ## Configuration
    · Connector Type: N Male
    · Attachment Method: Crimp/Solder
    · Cable Compatibility: PE-B400, PE-B405, PE-C400, LMR-400, .400 inch
    · Impedance: 50 Ohms
    · MIL-STD-348A compliant

    ## Features
    · Max Frequency: 6 GHz
    · VSWR: 1.3:1
    · Body Geometry: Straight

    ## Electrical Specifications
    · Frequency Range: DC to 6 GHz
    · Operating Voltage: 600 V rms

    ## Mechanical Specifications
    · Length: 1.505 in [38.23 mm]

    · Width/Diameter: 0.827 in [21.01 mm]
    · Weight: 0.072 lbs [32.66 g]

    ## Material Specifications
    · Contact: Brass with 70 µin minimum silver plating
    · Insulation: PTFE
    · Body: Brass with 100 µin minimum nickel plating
    · Coupling Nut: Brass with 100 µin minimum nickel plating
    · Crimp Sleeve: Brass with nickel plating

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    # PE4550 N Male Connector

    ## Configuration
    · Connector Type: N Male
    · Attachment Method: Crimp/Solder
    · Cable Compatibility: PE-B400, PE-B405, PE-C400, LMR-400, .400 inch
    · Impedance: 50 Ohms
    · MIL-STD-348A compliant

    ## Features
    · Max Frequency: 6 GHz
    · VSWR: 1.3:1
    · Body Geometry: Straight

    ## Electrical Specifications
    · Frequency Range: DC to 6 GHz
    · Operating Voltage: 600 V rms

    ## Mechanical Specifications
    · Length: 1.505 in [38.23 mm]
    · Width/Diameter: 0.827 in [21.01 mm]
    · Weight: 0.072 lbs [32.66 g]

    ## Material Specifications
    · Contact: Brass with 70 µin minimum silver plating
    · Insulation: PTFE
    · Body: Brass with 100 µin minimum nickel plating
    · Coupling Nut: Brass with 100 µin minimum nickel plating
    · Crimp Sleeve: Brass with nickel plating

    ## Environmental Specifications
    · Operating Temperature: -65 to +165 °C

    Part No.PE4550
    ManufacturerPASTERNACK
    Size358 Kbytes
    Pages3 pages
    DescriptionN Male Connector Crimp/Solder Attachment