Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887 Datasheet (PDF) - Analog Devices

AD7887 Datasheet PDF - Analog Devices
Part # AD7887
Download  AD7887 Download
File Size   465.19 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP

AD7887 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7887 Datasheet PDF - Analog Devices

Part # AD7887
Download  AD7887 Click to download

File Size   465.19 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP

AD7887 Datasheet (HTML) - Analog Devices




Similar Part No. - AD7887

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887 Datasheet
133Kb / 16P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV.B
AD7887 AD-AD7887 Datasheet
247Kb / 5P
Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD7887AR AD-AD7887AR Datasheet
133Kb / 16P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV.B
AD7887AR AD-AD7887AR Datasheet
444Kb / 24P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL AD-AD7887AR-REEL Datasheet
444Kb / 24P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
More results


Similar Description - AD7887

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887 Datasheet
133Kb / 16P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV.B
AD7888 AD-AD7888 Datasheet
175Kb / 16P
2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
6/01-REV.B
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com