Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA76432F Datasheet (PDF) - Toshiba Semiconductor

TA76432F Datasheet PDF - Toshiba Semiconductor
Part # TA76432F
Download  TA76432F Download
File Size   248.17 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.26-V Adjustable High-Precision Shunt Regulators

TA76432F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA76432F Datasheet PDF - Toshiba Semiconductor

Part # TA76432F
Download  TA76432F Click to download

File Size   248.17 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1.26-V Adjustable High-Precision Shunt Regulators

TA76432F Datasheet (HTML) - Toshiba Semiconductor


TA76432F Product details

1.26V Adjustable High-Precision Shunt Regulators

The TA76432 series consists of adjustable high-precision shunt regulators whose output voltage (VKA) can be set arbitrarily using two external resistors.
These devices have a precise internal reference voltage of 1.26 V, enabling them to operate at low voltage.
The devices are ideal for use as error amplifiers in 3V switching-regulator systems. In addition, they can be used as zener diodes to perform temperature compensation.

Features
• Precision reference voltage: VREF = 1.26 V ± 1.4% (Ta = 25°C)
• Small temperature coefficient: |αVREF| = 30 ppm/°C (typ.)
• Adjustable output voltage: VREF ≤ VOUT ≤ 19 V
• Minimum cathode current for regulation: Ikmin = 0.5 mA (max.)
• Operating temperature: Ta = −40 to 85°C
• The TA76432FT is housed in an ultra-thin UFV package. (thickness: 0.7 mm typ.)
• Packages: UFV (TA76432FT), SMV (TA76432FC), PW-Mini (TA76432F/FR) and LSTM (TA76432S)




Similar Part No. - TA76432F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
More results


Similar Description - TA76432F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
2.49-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
1.26-V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com