Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZR36015 Datasheet (PDF) - List of Unclassifed Manufacturers

ZR36015 Datasheet PDF - List of Unclassifed Manufacturers
Part # ZR36015
Download  ZR36015 Download
File Size   164.93 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RASTER TO BLOCK CONVERTER

ZR36015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZR36015 Datasheet PDF - List of Unclassifed Manufacturers

Part # ZR36015
Download  ZR36015 Click to download

File Size   164.93 Kbytes
Page   27 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RASTER TO BLOCK CONVERTER

ZR36015 Datasheet (HTML) - List of Unclassifed Manufacturers


ZR36015 Product details

[ZORAN Corporation]

DESCRIPTION
The ZR36015 performes raster to/from block conversion for image compression and expansion applications, and it can be connected directly to the ZR36050 JPEG coder and the ZR36011 Color Space Converter.

FEATURES
■ Real Time Raster to/from Block Conversion
■ 1/2 Decimation Processing in the Horizontal Direction
■ 30 MHz Maximum Clock Rate
■ Only Image in Preset Window is Converted
■ Compatable with Zorans ZR36050 JPEG Coder and  ZR36011 Color Space Converter
■ Supports 1:0:0,4:2:2,and 4:1:1 data formats
■ 100-pin plastic quad flat package (PQFP)
■ TTL level Input/Output
■ Synchronous data and controls
■ Low power consumption: 0.45W (Typ.)
■ CMOS circuit operating with a single 5V power supply

APPLICATIONS
■ Image processing
■ Multi-media
■ Scanners
■ Image Storage
■ Image Capture




Similar Part No. - ZR36015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36016 ETC1-ZR36016 Datasheet
230Kb / 36P
INTEGRATED COLOR SPACE / RASTER-TO-BLOCK CONVERTER
ZR36016PQC-30 ETC1-ZR36016PQC-30 Datasheet
230Kb / 36P
INTEGRATED COLOR SPACE / RASTER-TO-BLOCK CONVERTER
More results


Similar Description - ZR36015

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM95C75 AMD-AM95C75 Datasheet
2Mb / 32P
Raster Printer Comtroller (RPC)
logo
List of Unclassifed Man...
ZR36016 ETC1-ZR36016 Datasheet
230Kb / 36P
INTEGRATED COLOR SPACE / RASTER-TO-BLOCK CONVERTER
logo
Zoran Corporation
IPS-ZX ZORAN-IPS-ZX Datasheet
77Kb / 2P
Complete Raster Solution
logo
Lumberg
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
5.08R LUMBERG-5.08R Datasheet
87Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 5,08 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
6779 LUMBERG-6779 Datasheet
75Kb / 1P
Steckbare Anschlussklemmen, Raster 5,08 mm
MC200-508 LUMBERG-MC200-508 Datasheet
94Kb / 1P
Steckbare Anschlussklemmen, Raster 5,08 mm
ME040-508 LUMBERG-ME040-508 Datasheet
101Kb / 1P
Steckbare Anschlussklemmen, Raster 5,08 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com