Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P2M Datasheet (PDF) - NEC

8P2M Datasheet PDF - NEC
Part # 8P2M
Download  8P2M Download
File Size   1249.16 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8 A THYRISTOR

8P2M Datasheet (PDF)

Go To PDF Page Download Datasheet
8P2M Datasheet PDF - NEC

Part # 8P2M
Download  8P2M Click to download

File Size   1249.16 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8 A THYRISTOR

8P2M Datasheet (HTML) - NEC


8P2M Product details

SEMICONDUCTOR SELECTION GUIDE

   Microcomputer
   IC Memory
   Semi-Custom IC
   Particular Purpose IC
   General Purpose Linear IC
   Transistor / Diode / Thyristor
   Microwave Device / Consumer Use High Frequency Device
   Optical Device
   Packages
   Index (Quick Reference by Type Number)




Similar Part No. - 8P2M

ManufacturerPart #DatasheetDescription
logo
Nidec Motor Corporation...
8P2011-Z NIDEC-8P2011-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8P2011B-Z NIDEC-8P2011B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8P2011C-Z NIDEC-8P2011C-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8P2012-Z NIDEC-8P2012-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
8P2012B-Z NIDEC-8P2012B-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
More results


Similar Description - 8P2M

ManufacturerPart #DatasheetDescription
logo
NEC
8P4J NEC-8P4J Datasheet
635Kb / 6P
8 A MOLD THYRISTOR
logo
Vishay Siliconix
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
09-Jul-15
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V01 Datasheet
184Kb / 7P
Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
26-Jul-2018
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
27-Jul-2018
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
30-Nov-2021
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
Thyristor Surface Mount, Phase Control SCR, 8 A
08-Jul-15
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
26-Jul-2018
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com