Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F841 Datasheet (PDF) - NXP Semiconductors

74F841 Datasheet PDF - NXP Semiconductors
Part # 74F841
Download  74F841 Download
File Size   103.91 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface latches

74F841 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F841 Datasheet PDF - NXP Semiconductors

Part # 74F841
Download  74F841 Click to download

File Size   103.91 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface latches

74F841 Datasheet (HTML) - NXP Semiconductors


74F841 Product details

74F841/74F842 10-bit bus interface latches, non-inverting/inverting (3-State)
74F843 9-bit bus interface latch, non-inverting (3-State)
74F845/74F846 8-bit bus interface latches, non-inverting/inverting (3-State)

DESCRIPTION
The 74F841–74F846 bus interface latch series are designed to provide extra data width for wider address/data paths of buses carrying parity.
The 74F841–74F846 series are funcitonally an pin compatible to the AMD AM29841–AM29846 series.

FEATURES
• High speed parallel latches
• Extra data width for wide address/data paths or buses carrying parity
• High impedance NPN base input structure minimizes bus loading
• IIL is 20µA vs 1000A for AM29841 series
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in are
   required as with MOS microprocessors
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• 48mA sink current
• Slim dual in-line 300 mil package
• Broadside pinout
• Pin-for-pin and function compatible with AMD AM29841-846 series




Similar Part No. - 74F841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
Bus interface latches
1999 Jun 23
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
10-Bit Transparent Latch
74F841SC FAIRCHILD-74F841SC Datasheet
47Kb / 6P
10-Bit Transparent Latch
74F841SPC FAIRCHILD-74F841SPC Datasheet
47Kb / 6P
10-Bit Transparent Latch
More results


Similar Description - 74F841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
Bus interface latches
1999 Jun 23
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Texas Instruments
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com