Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG603 Datasheet (PDF) - List of Unclassifed Manufacturers

AG603 Datasheet PDF - List of Unclassifed Manufacturers
Part # AG603
Download  AG603 Download
File Size   167.48 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

AG603 Datasheet (PDF)

Go To PDF Page Download Datasheet
AG603 Datasheet PDF - List of Unclassifed Manufacturers

Part # AG603
Download  AG603 Click to download

File Size   167.48 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

AG603 Datasheet (HTML) - List of Unclassifed Manufacturers


AG603 Product details

[WJ]

Product Description
The AG603 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 900 MHz, the AG603 typically provides 17.6 dB of gain, +33.5 dBm Output IP3, and +18.5 dBm P1dB. The device combines dependable performance with consistent quality to maintain MTBF values exceeding 100 years at mounting temperatures of +85°C and is housed in a SOT-89 industry standard SMT package.
The AG603 consists of Darlington pair amplifiers using the high reliability InGaP/GaAs HBT technology process technology and only requires DC-blocking capacitors, a bias resistor, and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to various current and next generation wireless technologies such as GPRS, GSM, CDMA, W-CDMA, and UMTS. In addition, the AG603 will work for other various applications within the DC to 2.7 GHz frequency range such as CATV and fixed wireless.

Product Features
• DC - 2700MHz
• +18.5 dBm P1dB at 900MHz
• +33.5 dBm OIP3 at 900MHz
• 17.6 dB Gain at 900MHz
• Single Voltage Supply
• SOT-89 SMT Package
• Internally matched to 50 Ω




Similar Part No. - AG603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG603-86 ETC-AG603-86 Datasheet
195Kb / 5P
InGaP HBT Gain Block
AG603-86PCB ETC-AG603-86PCB Datasheet
195Kb / 5P
InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG603-89 WJCI-AG603-89 Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG603-89 WJCI-AG603-89 Datasheet
296Kb / 5P
InGaP HBT Gain Block
AG603-89-RFID WJCI-AG603-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
More results


Similar Description - AG603

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
InGaP HBT Gain Block
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
InGaP HBT Gain Block
ECG004 WJCI-ECG004 Datasheet
125Kb / 4P
InGaP HBT Gain Block
AG402-89-RFID WJCI-AG402-89-RFID Datasheet
506Kb / 6P
InGaP HBT Gain Block
AG503-86-RFID WJCI-AG503-86-RFID Datasheet
486Kb / 6P
InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG604-86-RFID WJCI-AG604-86-RFID Datasheet
179Kb / 5P
InGaP HBT Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com