Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA7063 Datasheet (PDF) - Anpec Electronics Coropration

APA7063 Datasheet PDF - Anpec Electronics Coropration
Part # APA7063
Download  APA7063 Download
File Size   236.03 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 1.5W Audio Power Amplifier with DC Volume Control

APA7063 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA7063 Datasheet PDF - Anpec Electronics Coropration

Part # APA7063
Download  APA7063 Click to download

File Size   236.03 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Stereo 1.5W Audio Power Amplifier with DC Volume Control

APA7063 Datasheet (HTML) - Anpec Electronics Coropration


APA7063 Product details

General Description
The APA7063 is a monolithic integrated circuit that provides DC volume control, and a stereo bridged audio power amplifiers capable of producing 1.5W(1.2W) into 8Ω with less than 10%(1.0%) THD+N. APA7063 provides a volume control pin DC_Vol determines the attenuation of output of the amplifiers. The attenuator range s from 0dB (DC_Vol=0.7VDD) to –105dB (DC_Vol=0V) with 32 steps. Both of the depop circuitry and the thermal shutdown protection circuitry are integrated in the APA7063, that reduces pops and clicks noise during power up and when using the shutdown modes and protects the chip from being destroyed by over temperature failure.

Features
• Operating Voltage: 3.3V to 5V
• DC Volume Control Interface, 0dB to –105dB
• Depop Circuitry Integrated
• Thermal shutdown protection circuitry
• High supply voltage ripple rejection
• Low Supply Current, IDD = 13mA at Stereo BTL
• Low Shutdown Current, IDD = 0.7µA
• Bridge-Tied Load (BTL) or Single-Ended-(SE) Modes Operation
• Output Power at 1% THD+N, VDD=5V -1.2 W/Ch (typ) into an 8Ω Load
• Output Power at 10% THD+N, VDD=5V -1.5 W/Ch (typ) into an 8Ω Load
• Low Crossover Distortion
• Low Quiescent Current
• Bridge-tied or Stereo(Single-ended) Configurations

Applications
• Portable and Desktop Computers
• Multimedia Monitors
• Portable Radios, PDAs, and Portable TVs




Similar Part No. - APA7063

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
ProASIC Flash Family FPGAs
APA750 ACTEL-APA750 Datasheet
1Mb / 174P
Ultra-Fast Local and Long-Line Network
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA750 MICROSEMI-APA750 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA750 MICROSEMI-APA750 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
More results


Similar Description - APA7063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com