Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1704ASA Datasheet (PDF) - Advanced Linear Devices

ALD1704ASA Datasheet PDF - Advanced Linear Devices
Part # ALD1704ASA
Download  ALD1704ASA Download
File Size   47.58 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER

ALD1704ASA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1704ASA Datasheet PDF - Advanced Linear Devices

Part # ALD1704ASA
Download  ALD1704ASA Click to download

File Size   47.58 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER

ALD1704ASA Datasheet (HTML) - Advanced Linear Devices


ALD1704ASA Product details

GENERAL DESCRIPTION

The ALD1704A/ALD1704B/ALD1704/ALD1704G is a CMOS monolithic operational amplifier with MOSFET input that has rail-to-rail input and output voltage ranges. The input voltage range and output voltage range are very close to the positive and negative power supply voltages. Typically the input voltage can be beyond positive power supply voltage V+, or the negative power supply voltage V- by up to 300mV. The output voltage swings to within 60mV of either positive or negative power supply voltages at rated load.



FEATURES

• Rail-to-rail input and output voltage ranges

• 5.0V/µs slew rate

• Output settles to 2mV of supply rails

• High capacitive load capability -- up to 4000pF

• Symmetrical push-pull output drives

• No frequency compensation required -- unity gain stable

• Extremely low input bias currents -- 1.0pA typical (20pAMax)

• Ideal for high source impedance applications

• High voltage gain -- typically 150V/mV

• Output short circuit protected

• Unity gain bandwidth of 2.1MHz

• Suitable for rugged, temperature-extreme environments



APPLICATIONS

• Voltage amplifier

• Voltage follower/buffer

• Charge integrator

• Photodiode amplifier

• Data acquisition systems

• High performance portable instruments

• Signal conditioning circuits

• Low leakage amplifiers

• Active filters

• Sample/Hold amplifier

• Picoammeter

• Current to voltage converter

• Coaxial cable driver

• Capacitive sensor amplifier

• Piezoelectric transducer amplifier



 




Similar Part No. - ALD1704ASA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704ASAL ALD-ALD1704ASAL Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704ASAL ADL-ALD1704ASAL Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Similar Description - ALD1704ASA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
Rail-to-rail CMOS quad operational amplifier
08-Jan-2007
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com