Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF22V10CQ Datasheet (PDF) - ATMEL Corporation

ATF22V10CQ Datasheet PDF - ATMEL Corporation
Part # ATF22V10CQ
Download  ATF22V10CQ Download
File Size   273.09 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance EE PLD

ATF22V10CQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF22V10CQ Datasheet PDF - ATMEL Corporation

Part # ATF22V10CQ
Download  ATF22V10CQ Click to download

File Size   273.09 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance EE PLD

ATF22V10CQ Datasheet (HTML) - ATMEL Corporation


ATF22V10CQ Product details

Description

The ATF22V10C is a high-performance CMOS (electrically erasable) programmable logic device (PLD) that utilizes Atmel’s proven electrically erasable Flash memory technology. Speeds down to 5 ns and power dissipation as low as 100 µA are offered. All speed ranges are specified over the full 5V ± 10% range for military and industrial temperature ranges, and 5V ± 5% for commercial temperature ranges.



Features

• Industry-standard Architecture

– Low-cost, Easy-to-use Software Tools

• High-speed, Electrically Erasable Programmable Logic Devices

– 5 ns Maximum Pin-to-pin Delay

• Latch Feature Holds Inputs to Previous Logic States

• Pin-controlled Standby Power (10 µA Typical)

• Advanced Flash Technology

– Reprogrammable

– 100% Tested

• High-reliability CMOS Process

– 20-year Data Retention

– 100 Erase/Write Cycles

– 2,000V ESD Protection

– 200 mA Latch-up Immunity

• Dual Inline and Surface Mount Packages in Standard Pinouts

• PCI-compliant

• Green Package Options (Pb/Halide-free/RoHS Compliant) Available

• Full Military, Commercial and Industrial Temperature Ranges

• Backward-Compatible with ATF22V10B(Q) and AT22V10(L)




Similar Part No. - ATF22V10CQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
457Kb / 23P
High performance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
1Mb / 22P
High-performance Electrically Erasable Programmable Logic Device
ATF22V10CQ-15JC ATMEL-ATF22V10CQ-15JC Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CQ-15JI ATMEL-ATF22V10CQ-15JI Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CQ-15JU ATMEL-ATF22V10CQ-15JU Datasheet
408Kb / 22P
Highperformance EE PLD
More results


Similar Description - ATF22V10CQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
Highperformance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
Highperformance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com