Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP2052 Datasheet (PDF) - ATMEL Corporation

AT89LP2052 Datasheet PDF - ATMEL Corporation
Part # AT89LP2052
Download  AT89LP2052 Download
File Size   1338.6 Kbytes
Page   89 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2/4-Kbyte Flash

AT89LP2052 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89LP2052 Datasheet PDF - ATMEL Corporation

Part # AT89LP2052
Download  AT89LP2052 Click to download

File Size   1338.6 Kbytes
Page   89 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2/4-Kbyte Flash

AT89LP2052 Datasheet (HTML) - ATMEL Corporation


AT89LP2052 Product details

Description
The AT89LP2052/LP4052 is a low-power, high-performance CMOS 8-bit microcontroller with 2/4K bytes of In-System Programmable Flash memory. The device is manufactured using Atmels high-density nonvolatile memory technology and is compatible with the industry-standard MCS-51 instruction set. The AT89LP2052/LP4052 is built around an enhanced CPU core that can fetch a single byte from memory every clock cycle. In the classic 8051 architecture, each fetch required 6 clock cycles, forcing instructions to execute in 12, 24 or 48 clock cycles.

Features
• Compatible with MCS®51 Products
• 20 MIPS Throughput at 20 MHz Clock Frequency and 2.4V, 85°C Operating Conditions
• Single Clock Cycle per Byte Fetch
• 2/4K Bytes of In-System Programmable (ISP) Flash Memory
   – Serial Interface for Program Downloading
   – 32-byte Fast Page Programming Mode
   – 32-byte User Signature Array
• 2.4V to 5.5V VCC Operating Range
• Fully Static Operation: 0 Hz to 20 MHz
• 2-level Program Memory Lock
• 256 x 8 Internal RAM
• Hardware Multiplier
• 15 Programmable I/O Lines
• Configurable I/O with Quasi-bidirectional, Input, Push-pull Output, and
   Open-drain Modes
• Enhanced UART with Automatic Address Recognition and Framing Error Detection
• Enhanced SPI with Double-buffered Send/Receive
• Programmable Watchdog Timer with Software Reset
• 4-level Interrupt Priority
• Analog Comparator with Selectable Interrupt and Debouncing
• Two 16-bit Enhanced Timer/Counters with 8-bit PWM
• Brown-out Detector and Power-off Flag
• Internal Power-on Reset
• Low Power Idle and Power-down Modes
• Interrupt Recovery from Power-down Mode




Similar Part No. - AT89LP2052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 90P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 93P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052 ATMEL-AT89LP2052 Datasheet
1Mb / 94P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052-20PI ATMEL-AT89LP2052-20PI Datasheet
1Mb / 90P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89LP2052-20PU ATMEL-AT89LP2052-20PU Datasheet
1Mb / 90P
8-bit Microcontroller with 2/4-Kbyte Flash
More results


Similar Description - AT89LP2052

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
8-bit Flash Microcontroller with 2-wire Interface
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
AT89LP2052 ATMEL-AT89LP2052_06 Datasheet
1Mb / 90P
8-bit Microcontroller with 2/4-Kbyte Flash
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
8-bit Flash Microcontroller with 2-wire Interface
AT89LP2052 ATMEL-AT89LP2052_08 Datasheet
1Mb / 93P
8-bit Microcontroller with 2/4-Kbyte Flash
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
8-bit Flash Microcontroller with 2-wire Interface
AT89LP2052 ATMEL-AT89LP2052_09 Datasheet
1Mb / 94P
8-bit Microcontroller with 2/4-Kbyte Flash
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
8-bit Microcontroller with 12 Kbyte Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com