Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YBS2204G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

YBS2204G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # YBS2204G
Download  YBS2204G Download
File Size   367.59 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2.2A, 400V - 1000V Glass Passivated Bridge Rectifier

YBS2204G Datasheet (PDF)

Go To PDF Page Download Datasheet
YBS2204G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # YBS2204G
Download  YBS2204G Click to download

File Size   367.59 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2.2A, 400V - 1000V Glass Passivated Bridge Rectifier

YBS2204G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - YBS2204G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
YBS2204 YANGJIE-YBS2204 Datasheet
158Kb / 2P
Bridge Rectifier
logo
RFE international
YBS2204 RFE-YBS2204 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
More results


Similar Description - YBS2204G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL154G-T TSC-DBL154G-T Datasheet
348Kb / 4P
1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
15A, 400V - 1000V Glass Passivated Bridge Rectifiers
GBU2504 TSC-GBU2504 Datasheet
310Kb / 5P
25A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifier
KBPF204G TSC-KBPF204G Datasheet
361Kb / 5P
2A, 400V - 1000V Glass Passivated Bridge Rectifier
KBPF304G TSC-KBPF304G Datasheet
369Kb / 5P
3A, 400V - 1000V Glass Passivated Bridge Rectifier
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
4A, 400V - 1000V Glass Passivated Bridge Rectifier
YBS3004G TSC-YBS3004G Datasheet
288Kb / 5P
3A, 400V - 1000V Glass Passivated Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com