Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBM673 Datasheet (PDF) - OSRAM GmbH

LBM673 Datasheet PDF - OSRAM GmbH
Part # LBM673
Download  LBM673 Download
File Size   590.84 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Outdoor displays

LBM673 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBM673 Datasheet PDF - OSRAM GmbH

Part # LBM673
Download  LBM673 Click to download

File Size   590.84 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Outdoor displays

LBM673 Datasheet (HTML) - OSRAM GmbH


LBM673 Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: small package for applications where small space is required
• wavelength: 471 nm (blue), 532 nm (true green)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaN
• optical efficiency: 2 lm/W (blue), 8 lm/W (true green)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 3000/reel, ø180 mm or 12000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D
• Superior Corrosion Robustness: details see page 10

Applications
• outdoor displays
• optical indicators
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard backlighting, etc.)
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LBM673

ManufacturerPart #DatasheetDescription
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
logo
OSRAM GmbH
LBM673-L1N2-25 OSRAM-LBM673-L1N2-25 Datasheet
584Kb / 21P
Automotive Interior Lighting
logo
ams AG
LBM673-L1N2-25-1 AMSCO-LBM673-L1N2-25-1 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results


Similar Description - LBM673

ManufacturerPart #DatasheetDescription
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
Flat displays
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
Flat displays
logo
Kingbright Corporation
SA04-11EWA KINGBRIGHT-SA04-11EWA Datasheet
162Kb / 3P
Standard-Displays
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
LED Displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
logo
OSRAM GmbH
LSGT67K-JL-1-HK-1 OSRAM-LSGT67K-JL-1-HK-1 Datasheet
550Kb / 18P
indoor and outdoor displays
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
indoor and outdoor displays
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
indoor and outdoor displays
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com