Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422 Datasheet (PDF) - Cirrus Logic

CS6422 Datasheet PDF - Cirrus Logic
Part # CS6422
Download  CS6422 Download
File Size   873.18 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Enhanced Full-Duplex Speakerphone IC

CS6422 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS6422 Datasheet PDF - Cirrus Logic

Part # CS6422
Download  CS6422 Click to download

File Size   873.18 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Enhanced Full-Duplex Speakerphone IC

CS6422 Datasheet (HTML) - Cirrus Logic


CS6422 Product details

General Description

Most modern speakerphones use half-duplex operation, which alternates transmission between the far-end talker and the speakerphone user. This is done to ensure stability because the acoustic coupling between the speaker and microphone is much higher in speaker phones than in handsets where the coupling is mechanically suppressed.



Features

Single-chip,full-duplex,hands-free operation

Optional Tx Noise Guard

Programmable attenuation during double-talk

Optional 34 dB microphone preamplifier

Dual channel AGC’ed volume controls with mute

Dual integrated 80 dB IDR codecs

Speech-trained Network and Acoustic Echo Cancellers

Rx and Tx supplementary echo suppression

Configurable half-duplex training mode

Powerdown mode

Microcontroller Interface



 




Similar Part No. - CS6422

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
CS6420-CS CIRRUS-CS6420-CS Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
More results


Similar Description - CS6422

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
Voice switched speakerphone IC
1997 Nov 25
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
logo
Exar Corporation
SP490E EXAR-SP490E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491EEN-L EXAR-SP491EEN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
Full-duplex operation
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com