Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1073 Datasheet (PDF) - Dallas Semiconductor

DS1073 Datasheet PDF - Dallas Semiconductor
Part # DS1073
Download  DS1073 Download
File Size   187.34 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconOscillator/Divider

DS1073 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1073 Datasheet PDF - Dallas Semiconductor

Part # DS1073
Download  DS1073 Click to download

File Size   187.34 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconOscillator/Divider

DS1073 Datasheet (HTML) - Dallas Semiconductor


DS1073 Product details

DESCRIPTION

The DS1073 is a fixed-frequency oscillator requiring no external components for operation. Numerous operating frequencies are possible in the range of approximately 27.3kHz to 100MHz through the use of an on-chip programmable prescaler and divider.

The DS1073 features a master oscillator followed by a prescaler and then a programmable divider. The prescaler and programmable divider are user-programmable with the desired values being stored in nonvolatile memory. This allows the user to buy an off the shelf component and program it on site prior to board production. Design changes can be accommodated on the fly by simply programming different values into the device (or reprogramming previously programmed devices).

The DS1073 is shipped from the factory configured for half the maximum operating frequency. Contact the factory for specially programmed devices. As alternatives to the onboard oscillator an external clock signal or a crystal may be used as a reference. The choice of reference source (internal or external) is user-selectable at the time of programming (or on the fly if the SEL mode is chosen).



FEATURES

■ Dual fixed-frequency outputs (30kHz to 100MHz)

■ User-programmable on-chip dividers (from 1 to 513)

■ User-programmable on-chip prescaler (1, 2, 4)

■ No external components

■ ±0.5% initial tolerance (commercial)

■ ±1% variation over commercial temperature and voltage

■ Internal clock, external clock or crystal reference options

■ 2.7 to 3.6V supply

■ Power-down mode

■ Synchronous output gating

■ Industrial temp operation with relaxed specifications



 




Similar Part No. - DS1073

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1073M-66 MAXIM-DS1073M-66 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1073M/Z-100 MAXIM-DS1073M/Z-100 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1073M/Z-60 MAXIM-DS1073M/Z-60 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1073M/Z-66 MAXIM-DS1073M/Z-66 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
More results


Similar Description - DS1073

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
EconOscillator/Divider
DS1077L DALLAS-DS1077L Datasheet
274Kb / 20P
3V EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
3V EconOscillator/Divider
090503
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
EconOscillator/Divider
011006
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
3V EconOscillator/Divider
011006
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com